PART |
Description |
Maker |
AM49DL32XBGB70IT AM49DL322BGB70 AM49DL322BGT85 AM4 |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM29DL800BB120FI AM29DL800BB90SEB AM29DL800BT90SEB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 1M X 8 FLASH 3V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. http://
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AM29LV256MH113R AM29LV256MH123R AM29LV256MH123RPGI |
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control CAP, FILM, 0.22UF, 100V, PPS, 2825,5%,SM 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 16M X 16 FLASH 3V PROM, 120 ns, PDSO56 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 256兆位6 M中的x 16-Bit/32 M中的x 8位)MirrorBitTM 3.0伏特,只有统一闪存部门与VersatileI /价外控制
|
Advanced Micro Devices, Inc.
|
S29GL016A S29GL016A100BAI010 S29GL016A100BAI012 S2 |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION
|
S29CD016G0MFFA202 S29CD016G0MFAA212 S29CD016G0JFAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位12k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位512k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80
|
Spansion Inc. Spansion, Inc.
|
AT52BR1674T-85CI AT52BR1672 AT52BR1672-85CI AT52BR |
From old datasheet system 16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
|
ATMEL[ATMEL Corporation]
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM29DL320GT90PCI AM29DL320GT90WDFN AM29DL320GT50WD |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA64 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位个M × 8 2x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|