PART |
Description |
Maker |
LT6553 LT6553CGN LT6553IGN |
650MHz Gain of 2 Triple Video Amplifier
|
Linear Technology Corporation LINER[Linear Technology]
|
EDI88512CA17MBRP EDI88512CA17MCRP EDI88512CA17MIRP |
100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R x8的SRAM 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Channel TFT-LCD Reference Voltage Generator with External Shutdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R x8 SRAM 100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8SRAM
|
Moeller Electric, Corp. Atmel, Corp.
|
PGT2110/DS PGS2110/DS PGR2110/DS PGB2110/DS PGM211 |
650MHz Gain of 2 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 750MHz Gain of 1 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 光电 Optoelectronic 光电 Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 光电 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 光电 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 光电
|
Infineon Technologies AG Ironwood Electronics Electronic Theatre Controls, Inc. Newhaven Display International, Inc. Linear Technology, Corp. ON Semiconductor
|
MABACT0064 MABACT0064TR MABA-007948-CT64TB |
4:1 Flux Coupled Transformer 1-650MHz
|
Tyco Electronics
|
MSMT3SEG MSMT3SEN MSMT3XEG MSMT3XEN |
Pentium CPU 400 / 650MHz
|
Advanced Digital Logic, Inc. Advanced Digital Logic,...
|
SP65001 |
650MHz Low-loss SAW Filter 43MHz Bandwidth
|
SIPAT Co,Ltd
|
AMC2244DM AMC2244DMF AMC2244 AMC2244M AMC2244MF AM |
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
|
ADDtek Corp
|
LT6557IDHC |
500MHz, 2200V/μs Gain of 2, Single Supply Triple Video Amplifier with Input Bias Control
|
Linear Technology
|
2SD1641 |
SILICON PNP TRIPLE DIFFUSED PLANAR TYPE HIGH DC CURRNT GAIN,HIGH POWER AMPLIFIER TV POWER SOURCE OUTPUT
|
PANASONIC CORP PANASONIC[Panasonic Semiconductor]
|
TMC3533KRC50 TMC3533 TMC3533KRC30 TMC3533KRC80 TMC |
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 0.015 us SETTLING TIME, 8-BIT DAC, PQCC44 From old datasheet system Triple Video D/A Converter 8 bit/ 80 Msps/ 3.3V 30MHz Triple 8-Bit 3V Video D/A Converter 50MHz Triple 8-Bit 3V Video D/A Converter 80MHz Triple 8-Bit 3V Video D/A Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX2057 MAX2057ETX-T MAX2057ETX MAX2057ETX_D MAX20 |
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
|
MAXIM[Maxim Integrated Products]
|