PART |
Description |
Maker |
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
MAX618 MAX618EEE |
28V, PWM, Step-Up DC-DC Converter 28V / PWM / Step-Up DC-DC Converter 3.3-V ABT Scan Test Devices With 18-Bit Universal Bus Transceivers 68-CFP -55 to 125 3 A SWITCHING REGULATOR, 312 kHz SWITCHING FREQ-MAX, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ILC6360 ILC6360CIR-36 ILC6360CIR-ADJ |
STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
|
IMPALA[Impala Linear Corporation]
|
AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
FAN560209 FAM6502MP45X |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor
|
FAN5602MP33X FAN5602MP45X FAN5602MP5X |
Regulated Step-Up/Step-Down Charge Pump DC/DC Converter
|
Fairchild Semiconductor
|
NCP1421 NCP1421D NCP1421DMR NCP1421DMR2 NCP1421DMR |
600 mA Sync-Rect PFM Step-Up DC-DC Converter with True-Cutoff and Ring-Killer(带真切断(true-cutoff)和振荡消除(ring-killer)的600mA同步整流PFM步升DC-DC 转换 600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer 1.5 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8
|
ONSEMI[ON Semiconductor] Rectron Semiconductor
|
EV2104DJ-00A CMD4D06-100 MP2104DJ-1.8 MP2104DJ-1.5 |
1.7MHz, 600mA Synchronous Step-Down Converter 1.4 A SWITCHING REGULATOR, 2080 kHz SWITCHING FREQ-MAX, PDSO5 1.7MHz, 600mA Synchronous Step-Down Converter .7MHz00mA的同步降压转换器
|
Monolithic Power Systems, Inc.
|
AZ34063P AZ34063MTR-E1 AZ34063P-E1 AZ34063 AZ34063 |
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 0.8A STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|