PART |
Description |
Maker |
IPU07N03LA |
OptiMOS®2 - Power packages OptiMOS2 Power MOSFET. 25V. TO251. RDSon = 6.5mOhm. 30A. LL ?的OptiMOS功率MOSFET25V的TO251。导通状态\u003d 6.5mOhm30A条。当地雇员?
|
Infineon Toshiba, Corp.
|
IPB09N03LA IPI09N03LA IPP09N03LA |
Low Voltage MOSFETs - OptiMOS? Power MOSFET, 25V, D2PAK, RDSon = 8.9mOhm, 50A, LL OptiMOS 2 Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
IPI03N03LA IPP03N03LA IPB03N03LA |
OptiMOS®2 - Power packages Low Voltage MOSFETs - OptiMOS? Power MOSFET, 25V, TO220, RDSon = 3.0mOhm, 80A, LL OptiMOS 2 Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
IPB04N03LA IPP04N03LA IPI04N03LA |
OptiMOS 2 Power-Transistor Low Voltage MOSFETs - OptiMOS? Power MOSFET, 25V, TO220, RDSon = 4.2mOhm, 80A, LL OptiMOS®2 - Power packages
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
034-1037 |
HD-BNC STR PLUG FOR BI855 ENH/DRAKA 0.6 / 2.8 AF
|
Amphenol Corporation
|
IPP05N03L IPB05N03L |
80 A, 30 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB OptiMOS Buck converter series ?OptiMOSPowerMOSFET.30V.TO-220.RDSon=5.2mOhm.80A.LL?
OptiMOS Power MOSFET, 30V, TO-220, RDSon = 5.2mOhm, 80A, LL OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 5.2mOhm, 80A, LL
|
INFINEON[Infineon Technologies AG]
|
XR16L2450 |
2.25V TO 5.5V DUART 2.25V.5V的杜阿尔
|
Exar, Corp.
|
LM2901D LM239D LM339AD LM339N LM239AD LM239ADR2 LM |
0.022UF 10% 25V MLCC 0603 CAP,25V,X7R SMD, 0603 Quad Single Supply Comparators ORDERING INFORMATION From old datasheet system
|
ONSEMI[ON Semiconductor]
|
STP55NF06L06 STB55NF06L STB55NF06L-1 STP55NF06L |
N-channel 60V - 0.014Ω - 55A TO-220/D2PAK/I2PAK STripFET II Power MOSFET N-channel 60V - 0.014ヘ - 55A TO-220/D2PAK/I2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
JCT6055 JCT6055Y JCT6055Z JCT1655 JCT1255 JCT1255Z |
55A SCRs
|
JIEJIE MICROELECTRONICS CO.,Ltd
|
AME8826 AME8826AEDV150 AME8826AEDV180 AME8826AEDV2 |
1.55A CMOS LDO
|
AME
|
|