PART |
Description |
Maker |
MIC94030 MIC94030BM4 MIC94031BM4 4030B MIC94031 |
TinyFET P-Channel MOSFET(TinyFET???P娌??澧?己??OS?烘?搴??) TinyFETP-Channel MOSFET Preliminary Information TinyFETP沟道MOSFET的初步信 10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN TinyFET P-Channel MOSFET(TinyFET技P沟道增强型MOS场效应管) TinyFET P-Channel MOSFET Preliminary Information TinyFET⑩ P-Channel MOSFET Preliminary Information TinyFET?/a> P-Channel MOSFET Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
ZXM64P03X ZXM64P03XTA ZXM64P03XTC |
P-channel MOSFET 30V P-CHANNEL ENHANCEMENT MODE MOSFET 3800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
IRHG6110 IRHG63110 IRHG6110P IRHG6110N IRHG6110PBF |
Simple Drive Requirements 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET 100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY 1 A, 100 V, 0.7 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, MO-036AB
|
IRF[International Rectifier]
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
ZXM64P035G ZXM64P035GTA ZXM64P035GTC |
P-channel MOSFET 35V P-CHANNEL ENHANCEMENT MODE MOSFET 3800 mA, 35 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
AP4501GSD |
30V N-Channel PowerTrench MOSFET 7 A, 30 V, 0.027 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
FDG326P FDG326 FDG326PNL |
P-Channel 1.8V Specified PowerTrench MOSFET P-Channel 1.8V Specified PowerTrench MOSFET CAP CER 220PF 630VDC U2J 1206 1500 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MMFT5P03HDT3 MMFT5P03HD MMFT5P03HD-D |
30V N-Channel PowerTrench MOSFET 3.7 A, 30 V, 0.1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET 5 Amps, 30 Volts P-Channel SOT-223
|
ONSEMI[ON Semiconductor]
|
|