PART |
Description |
Maker |
SD-44828-001 448281162 UCP2008-0962 |
0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
|
Molex Electronics Ltd.
|
300004MB004XX00XX 300001MA003XX00XX 300004MB004GX0 |
3.00mm pitch battery conn-cradle 3.00mm pitch battery conn-cradle
|
SUYIN USA, INC.
|
2-1393809-1 2-1393809-3 2-1393809-4 2-1393810-9 2- |
Cradle N Relay V23154/V23162 Great variety of contact arrangements and materials to meet specific applications
|
Tyco Electronics TE Connectivity Ltd
|
S401-46BX |
2.8mm Blade Vertical Tab, coiled, 0.8mm thick, 3mm tail, tin
|
HARWIN INC
|
0643241119 |
2.80mm (.110), CMC CP Female Terminal, Tin plated; Selective 1.27μm Gold inContact Area, for Tab Dimensions 2.8mm x 0.8mm , Wire Size 3mm2 - 5mm2
|
Molex Electronics Ltd.
|
OSV5YL87A1A |
8mm Straw Violet LED 8mm Straw Standard Directivity High Luminous LEDs
|
OptoSupply International
|
1544317-1 |
PORTE-CLIP 2 VOIES 8mm NGI ETANCHE 2-WAY 8mm NGI SEALED RECEPTALE HOUSING
|
Tyco Electronics
|
FPC5-AH FPC503AH |
50.8mm x 50.8mm Precision OCXO
|
Fox Electronics
|
TC54 TC54VC6802EMB713 TC54VC4901ECB713 TC54VN2601E |
The TC54 Series are CMOS voltage detectors, suited especially for battery-powered applications because of their extremely low 1uA operating current and small surface-mount packaging. Each part is laser trimmed to the desired threshold volt 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Microchip
|
1025YI-28TE13 1025YI-30TE13 1024YI-42TE13 1025YI-4 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 TSSOP-8 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 MSOP-8 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 PLASTIC, DIP-8 1-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8
|
ON Semiconductor Samtec, Inc.
|
0643241049 |
2.80mm (.110), CMC CP Female Terminal, Tin plated, for Tab Dimensions 2.8mm x0.8mm , Wire Size 0.50mm2 - 1mm2 2.80mm (.110"), CMC CP Female Terminal, Tin plated, for Tab Dimensions 2.8mm x0.8mm , Wire Size 0.50mm虏 - 1mm虏
|
Molex Electronics Ltd.
|