PART |
Description |
Maker |
ADG842YKSZ-REEL ADG842 ADG841 ADG841YKSZ-500RL7 AD |
0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6 0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 0.28 Ω CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Closed for a Logic 1 Input
|
Analog Devices, Inc.
|
20PT1024SX |
10/100 BASE-TX DUA PORT TRANSFORMER
|
Bothhand USA, LP.
|
M74HC4852B1R M74HC4852MW M74HC4852MWR |
DUA 4:1 CHANNEL ANALOG MUX/DMUX WITH INJECTION CURRENT PROTECTION
|
ST Microelectronics
|
29F200 M295V200BB45M1T M295V200BB45N1T M29F200BB45 |
2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory Single SVS For 3.0V Systems W/Programmable Time Delay 8-SOIC -40 to 85 Single SVS For 3.0V Systems W/Programmable Time Delay 8-PDIP -40 to 85 Single Schmitt-Trigger Inverter 5-SC70 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪
|
意法半导 STMicroelectronics N.V.
|
MAX4714 MAX4714EXT-T |
0.8? Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8, Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8з, Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8-Ohm, Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8 / Low-Voltage / Single-Supply SPDT Analog Switch in SC70
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SC3450N 2SC3450M 2SC3450L |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 500V V(BR)CEO | 10A I(C) | TO-218VAR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 500V五(巴西)总裁| 10A条一(c)|18VAR
|
Sanyo Electric Co., Ltd.
|
ADM6384YKS26D3Z-R7 ADM6384YKS23D3Z-R7 |
Microprocessor Supervisory Circuit in 4-Lead SC70; Package: SC70; No of Pins: 4; Temperature Range: Automotive 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Analog Devices, Inc.
|
MAX9620AXK MAX961711 MAX9617AXT |
Single/Dual SC70, Zero-Drift, High-Efficiency, 1.5MHz Op Amps with RRIO
|
http:// Maxim Integrated Products Maxim Integrated Produc...
|
2SC3356 2SC3356S 2SC3356R24 2SC3356R25 2SC3356R23 |
For amplify low noise and high frequency MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR) TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 100MA I(C) | SOT-346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 12V的五(巴西)总裁| 100mA的一(c)|的SOT - 346
|
NEC[NEC] NEC Corp. NEC, Corp.
|
0464-0350-01 0464-0025-01 0464-0200-01 0464-0250-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 抽头延迟 Tapped Delay Line 抽头延迟
|
Bel Fuse, Inc.
|
OLG209 OLR207 OLG210 OLG211 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Optoelectronic 光电 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
|