PART |
Description |
Maker |
LTM4609EVPBF LTM4609IVPBF LTM4609EV LTM4609IV |
36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC μModule 36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 楼矛Module
|
Linear Technology
|
LTM8021 LTM8021EV-PBF LTM8021IV-PBF LTM8021V |
36VIN, 500mA Step-Down DC/DC μModule 36VIN, 500mA Step-Down DC/DC レModule
|
http:// Linear Technology
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
GRM31CR60J107ME39L GRM319R71H104KA01D PI3302-X0-LG |
8V to 36Vin Cool-Power
|
Vicor Corporation
|
LTM8021-15 |
36VIN, 500mA Step-Down DC/DC Module
|
Linear Technology
|
RU2M RU2AM RU2AMZ RU2MZ |
(RU2MZ / RU2AMZ) HIGH EFFICIENCY RECTIFIER (RU2M / RU2AM) HIGH EFFICIENCY RECTIFIER
|
Galaxy Semi-Conductor Holdings Limited BILIN
|
LTC1147 LTC1147-3.3 LTC1147-5 LTC1147C LTC1147CN8- |
OCTAL BUS TRANSCEIVER O.C. 20-SOIC 0 to 70 SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO8 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS From old datasheet system High Efficiency Step-Down Switching Regulator Controllers
|
Linear Technology, Corp. 稳压 Linear Technology Corporation
|
S24SA1R212NRFA S24SA05010NRFA S24SA05010NRFB S24SA |
Delphi Series S24SA, 2”x1?/a> Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out Delphi Series S24SA, 2”x1 Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out Delphi Series S24SA, 2”x1” Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
|
DELTA[Delta Electronics, Inc.]
|
LTC1142HVCGPBF LTC114200 |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|