PART |
Description |
Maker |
AM29841A/BKA AM29841A/B3A AM29843PC AM29843ALC AM2 |
600V Low-Vceon Copack IGBT in a TO-220 FullPak package; Similar to IRGIB7B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS10B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRG4BC15UD-L with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRGSL6B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL15B60KD with Lead Free Packaging 1200V UltraFast 4-20 kHz CoPack IGBT in a TO-274AA package; Similar to IRG4PSH71UD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS6B60KD with Standard Packaging 600V Warp2 150kHz Copack IGBT in a TO-247AC package; A IRGP50B60PD1 with Standard Packaging 600V UltraFast Copack Trench IGBT in a TO-247AD package with Ultra-Low VF Diode for Induction Heating and Soft Switching Apps; A IRGP4068D-EPBF with Standard Packaging 600V HyperFast 1-8 kHz Co-Pack IGBT in a D2-Pak package; A IRG4BC30FD-S with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRG4BC15UD-L with Standard Packaging 600V Low-Vceon Non Punch Through Copack IGBT in a D2-Pak package; A IRGS4B60KD1 with Standard Packaging 1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AD package; Similar to IRG4PH40UD2-E with Lead Free Packaging 10位D型锁存器 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package; Similar to IRG4RC10KD with Lead Free Packaging 9位D型锁存器 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; A IRGB6B60KD with Standard Packaging 9位D型锁存器
|
Duracell TT electronics Semelab, Ltd. NXP Semiconductors N.V.
|
AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828A |
Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1041LPBF with Standard Packaging 600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D-Pak Package; A IPS1031R with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in an SO-8 Package; A IPS1052GPBF with Standard Packaging 600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS7091GPBF with Standard Packaging Programmable Current Sense High Side Switch in a 5-Lead D2-Pak Package; A IR3314SPBF with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1051LPBF with Standard Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package; A IPS1031S with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a TO-220 Package; A IPS7091PBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package; A IPS6031SPBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS6041GPBF with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging Programmable Current Sense High Side Switch in a 5-Lead TO-220 Package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Fairchild Semiconductor, Corp. Advanced Micro Devices, Inc.
|
IRG4BC10S IRG4BC10SPBF |
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A) 绝缘栅双极晶体管IGBT的标准速度VCES和\u003d 600V电压的Vce(on)typ.1.10V @和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package
|
International Rectifier, Corp.
|
IRG4BC30S-S IRG4BC30SS IRG4BC30S-STRL IRG4BC30S-ST |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 18A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 18A条一(c)|63AB INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A) 绝缘栅双极晶体管IGBT的标准速度(VCES和\u003d 600V电压的Vce(on)典\u003d.4V,@和VGE \u003d 15V的,集成电路\u003d 18A条) INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V Vce(on)typ.=1.4V @Vge=15V Ic=18A) 600V DC-1 kHz (Standard) Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC30S |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d.4V,@和VGE \u003d 15V的,集成电路\u003d 18A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4RC10S IRG4RC10 IRG4RC10STR IRG4RC10STRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.10V,@和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|
IRG4BC30K-S IRG4BC30KS IRG4BC30K-STRR |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4PC50W IRG4PC50WPBF |
600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRG4PC40S IRG4PC40 |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A) INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V Vce(on)typ.=1.32V @Vge=15V Ic=31A) 600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
IRG4PC40FD IRG4PC40 IRG4PC40FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRG4BC30UD IRG4BC30UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|