PART |
Description |
Maker |
IRGS8B60K IRGSL8B60K IRGB8B60K |
INSULATED GATE BIPOLAR TRANSISTOR 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package
|
http:// IRF[International Rectifier]
|
IRG4BC20MDS IRG4BC20MD-S IRG4BC20MD-STRR IRG4BC20M |
600V Fast 1-8 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 11A I(C) | TO-263AB
|
IRF[International Rectifier]
|
IRG4IBC20FD IRG4IBC20FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRGSL4B60KD1 IRGS4B60KD1 IRGB4B60KD1 |
600V Low-Vceon Non Punch Through Copack IGBT in a TO-262 package 600V Low-Vceon Non Punch Through Copack IGBT in a D2-Pak package 600V Low-Vceon Non Punch Through Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IRG4BC20UD-S |
600V UltraFast 8-60 kHz Copack IGBT in a D2-Pak package
|
International Rectifier
|
IRG4BC20SD-S |
600V DC-1 kHz (Standard) Copack IGBT in a D2-Pak package
|
International Rectifier
|
IRGBC30KD2 |
600V Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast CoPack IGBT
|
IRF[International Rectifier]
|
IRG4BC10UD IRG4BC10UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4IBC20KD IRG4IBC20KDPBF |
600V UltraFast 8-25 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
ANALOGICTECH[Advanced Analogic Technologies] IRF[International Rectifier]
|
IRG4IBC20UD IRG4IBC20UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|