PART |
Description |
Maker |
QD50-4 QD320-4 QD100-4 |
QUADRANT/CIRCULAR DETECTOR 象限/圆探测器
|
Vectron International, Inc.
|
QD320-3 |
QUADRANT/CIRCULAR DETECTOR 象限/圆探测器
|
RECOM Electronic GmbH
|
ILC5062M46X ILC5062 ILC5062AIC23X ILC5062AIC24X IL |
CAP,Met Polypropylene,1.5uF,1.2KVDC,10-% Tol,10 % Tol RoHS Compliant: No RES 174K 1% 1/4W 1206 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SOT-23 Power Supply reset Monitor with 1% precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 RES 1K74 SM 1/4W F 1206C THKF 100PPM TR Voltage Detector (3.1V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V) Voltage Detector (2.6V) Voltage Detector (2.5V) Voltage Detector (2.7V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BTA208-800 BTA208-800E BTA208-800B BTA208-800F BTA |
TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB Transient Voltage Suppressor Diodes THREE QUADRANT TRIACS HIGH COMMUTATION Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
TSMBJ1005C-072 MICROCOMMERCIALCOMPONENTS-TSMBJ1005 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:18-5
|
Micro Commercial Components Corp.
|
ADN2830ACP32-REEL ADN2830ACP32-REEL7 |
Circular Connector; No. of Contacts:4; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-75
|
Analog Devices, Inc.
|
AND-C-106 |
Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No
|
Tyco Electronics
|
M35070-002DP |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-16
|
Mitsubishi Electric Corporation
|
MH8V7245BWZTJ-5 |
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:14-5
|
Mitsubishi Electric Corporation
|