PART |
Description |
Maker |
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|
AD70402 AD704AN AD704 AD704JR-_REEL AD704TQ_883B A |
-18V; quad picoampere inout current bipolar Op Amp. For industrial/process controls, weigh scales Quad Picoampere Input Current Bipolar Op Amp OP-AMP|QUAD|BIPOLAR|SOP|16PIN|PLASTIC
|
Analog Devices
|
AD704JNZ AD704AR-16 AD704ARZ-16 AD704AR-16-REEL AD |
Quad Picoampere Input Current Bipolar Op Amp; Package: PDIP; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 250 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP14 Picoampere Input Current Quad Bipolar Op Amp
|
Analog Devices, Inc.
|
LT2079ACS LT2079ACSTRPBF LT2079ACSPBF |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 410 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO14
|
Linear Technology, Corp.
|
X9409WV24IZ-2.7 X9409WV24I-2.7 X9409WV24-2.7 X9409 |
Low Noise/Low Power/2-Wire Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Aimtec
|
DM74AS32 DM74AS32M DM74AS32N DM74AS32SJ DM74AS32MX |
Quad 2-Input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC487INPBF LTC487ISTRPBF |
Quad Low Power RS485 Driver; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD LINE DRIVER, PDSO16
|
LINEAR TECHNOLOGY CORP
|
MC74LCX16244DTR2 MC74LCX16244DTG |
Low−Voltage CMOS 16−Bit Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
ON Semiconductor
|
LT1058AMJ LT1058MJ LT1058ISW LT1058CN LT1058SW LT1 |
Dual and Quad, JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1800 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP14
|
Linear Technology, Corp.
|
X9251US24Z-2.7T1 X9251US24IT1 X9251TS24I-2.7T1 |
Quad Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Quad Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R QUAD 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Quad Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Intersil, Corp.
|
LT1213ACN8 LT1213MJ8 LT12131 LT1213AMJ8 LT1213CS8P |
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 650 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO8
|
Linear Integrated Systems Linear Technology, Corp.
|