PART |
Description |
Maker |
D01-9790401 D01-9791001 D01-9841601 |
Strip of 4 Sub-Miniature H3192-01 Sockets, gold clip tin shell BERYLLIUM COPPER ALLOY, TIN GOLD FINISH, PCB TERMINAL Strip of 10 Sub-Miniature H3192-01 Sockets, gold clip tin shell BERYLLIUM COPPER ALLOY, TIN GOLD FINISH, PCB TERMINAL Strip of 16 Sub-Miniature H3155-01 Sockets, gold clip tin shell BERYLLIUM COPPER ALLOY, TIN GOLD FINISH, PCB TERMINAL
|
Harwin PLC
|
D01-6020005 |
Strip of 100 Sub-Miniature H3155-05 Sockets on polyester strip, gold clip gold shell PCB TERMINAL
|
Harwin PLC
|
D01-9900805 D01-9901101 D01-9901501 D01-9901005 |
Strip of 8 Sub-Miniature H3153-05 Sockets, gold clip gold shell BERYLLIUM COPPER, GOLD (4) FINISH, PCB TERMINAL Strip of 11 Sub-Miniature H3153-01 Sockets, gold clip tin shell BERYLLIUM COPPER, GOLD (4) FINISH, PCB TERMINAL Strip of 15 Sub-Miniature H3153-01 Sockets, gold clip tin shell BERYLLIUM COPPER, GOLD (4) FINISH, PCB TERMINAL Strip of 10 Sub-Miniature H3153-05 Sockets, gold clip gold shell BERYLLIUM COPPER, GOLD (4) FINISH, PCB TERMINAL
|
Harwin PLC
|
WSK06125L000FEA WSK06121L000FEA |
Power Metal Strip Resistors, High Power, Metal Strip/Wire Resistor, RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 275 ppm, 0.001 ohm, SURFACE MOUNT, 0612, CHIP, GREEN
|
Vishay Siliconix Vishay Dale
|
9612045604AR 9612045804AR 9611025604AR 9612025604A |
10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 3M?/a> Pin Strip Header 3M Pin Strip Header 3M垄芒 Pin Strip Header
|
3M ELECTRONIC PRODUCTS DIVISION 3M Electronics
|
WSK25120.00374OHM1EA WSK25120.00374OHM1BA WSK25120 |
RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 75 ppm, 0.00374 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00127 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.0011 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00113 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00118 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00102 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00107 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00133 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00154 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.0014 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00143 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.0015 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00124 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00162 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00115 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00121 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00137 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00158 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.0013 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00105 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, CURRENT SENSE, METAL STRIP, 1 W, 1 %, 250 ppm, 0.00147 ohm, SURFACE MOUNT, 2512 CHIP
|
Vishay Intertechnology, Inc.
|
Z5.530.0225.0 |
Socket connector strip for printed circuit with contact pin, 2 contact, 5 mm pitch, 1 row, male, brass contact material, nickel plated contact finish, straight configuration, pcb termination 8 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 2 DECKS
|
Molex, Inc.
|
MB98C81233 MB98C81123 MB98C81333 MB98C81013 |
4M-Byte5 V-Only Flash Miniature Card(V 电源 8M微型闪存 2M-Byte5 V-Only Flash Miniature Card(V电源 4M微型闪存 8M-Byte5 V-Only Flash Miniature Card(V 电源16M微型闪存 1M-Byte 5V-Only Flash Miniature Card(V电源 1M微型闪存
|
Fujitsu Limited
|
H3192-01 H3192-05 H3192-46 |
Sub-miniature PC Board Socket for ?0.5mm Pin, gold clip tin shell SUB-MINIATURE SOCKET ASSEMBLY
|
Harwin Plc
|
APDS-9002 APDS-9002-021 APDS9002 |
REFLECTIVE OBJECT SENSOR TRANSISTOR OUTPUT LEAD FREE, MINIATURE, PLASTIC PACKAGE-4 Miniature Surface-Mount Ambient Light Photo Sensor
|
Mini-Circuits AVAGO TECHNOLOGIES LIMITED
|
SS496A1 SS495A SS495A1-T3 SS495A1-T2 SS496A1-T2 SS |
Linear Hall-Effect Sensor 线性霍尔效应传感器 Miniature Ratiometric Liner Solid State Sensors Miniature Ratiometric Linear
|
Unisonic Technologies Co., Ltd. Honeywell Sensing Honeywell Solid State Electronics Center
|
|