PART |
Description |
Maker |
X5163V14Z-2.7 X5163S8Z-4.5A X5165V14Z-4.5A X5165S8 |
CPU Supervisor with 16Kbit SPI EEPROM RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14
|
http:// Intersil, Corp.
|
X5083PIZ-4.5A X5083PIZ-2.7A X5083V8Z-2.7A X5083V8Z |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil, Corp.
|
CAT1026ZD4I-25-T3 CAT1027ZD4I-30-T3 CAT1026ZD4I-28 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
ON Semiconductor
|
X5001 X5001V8-4.5A X5001P X5001P-4.5A X5001S8 X500 |
RTC Module With CPU Supervisor
|
INTERSIL[Intersil Corporation]
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
X5165PI X5163V14I-2.7T1 X5165V14-2.7T1 X5165V14I-2 |
CPU Supervisor with 16Kbit SPI EEPROM Description THYRISTOR MODULE, 95A, 0800V; Thyristor/Triac type:Thyristor; Voltage, Vdrm:800V; Current, It rms:150A; Current, Itsm:2000A; Current, Igt:150mA; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:95A; RoHS Compliant: Yes RTC Module With CPU Supervisor ; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:70A; Forward Current:125A; Operating Temp. Max:125 ; Package/Case:SEMIPACK 1; Peak
|
http:// Intersil Corporation
|
X5329PIZ-4.5A X5328PIZ-4.5A X5328S8I X5328S8Z X532 |
KPSE 26C 26#20 SKT RECP Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:26; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket RoHS Compliant: No style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:115A; Depth, external:20mm; RoHS Compliant: Yes , Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:18A; Depth, RoHS Compliant: Yes ; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:40A; Depth, RoHS Compliant: Yes ; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:40A; RoHS Compliant: Yes Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket RoHS Compliant: No RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
X1227S8IZ-4.5A X1227V8IZ-4.5A X1227V8-2.7 X1227V8- |
2-Wire RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM 2-Wire?/a> RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
|
Intersil Corporation http://
|
X1288 X1288S16 X1288S16-2.7 X1288S16-2.7A X1288S16 |
2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
|
XICOR[Xicor Inc.]
|
M41ST87W11 M41ST87WSS6F |
Serial real-time clock (RTC) supervisor 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
|
ST Microelectronics STMicroelectronics
|
X4165S8 X4163 X4165V8I-2.7A X4165V8-2.7A X4163S8-4 |
CPU Supervisor with 16K EEPROM 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 IGBT Module; Continuous Collector Current, Ic:75A; Collector Emitter Saturation Voltage, Vce(sat):3V; Collector Emitter Voltage, Vceo:1200V; Leaded Process Compatible:Yes; Package/Case:D61; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CPU Supervisor with 16K EEPROM
|
Intersil, Corp. http:// Intersil Corporation
|