PART |
Description |
Maker |
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
SP1084V1-L-5-0T/R SP1084V2-L-8/TR SP1084V2-L-/TR S |
5A Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 ROHS COMPLIANT, TO-220, 3 PIN 5A Low Dropout Linear Regulator
|
Sipex Corporation Exar, Corp.
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
FAN1086M25X FAN1086M285X FAN1086M33X FAN1086M5X FA |
1.5A Adjustable/Fixed Low Dropout Linear Regulator Micropower 5V, 100mA Low Dropout Linear Regulator 1.5A Adjustable Low Dropout Voltage Regulator (LDO) ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
ADP3309ART-3-REEL ADP3309ART-3-REEL7 ADP3309ART-3. |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Analog IC anyCAP® 100 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator
|
TE Connectivity, Ltd. Analog Devices
|
CS8151D2G CS8151YDWFR16G CS8151D2R2G CS8151YDWF16G |
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5 V, 100 mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14
|
ON Semiconductor
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MAX8873 MAX8873REUK-T MAX8873SEUK-T MAX8873T MAX88 |
From old datasheet system Low-Dropout 120mA Linear Regulators Low-Dropout, 120mA Linear Regulators Low-Dropout / 120mA Linear Regulators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
NX1117C33Z NX1117CE285Z NX1117C19Z NX1117CE12Z NX1 |
Low-dropout linear regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 Low-dropout linear regulators 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 Low-dropout linear regulators 低压差线性稳压器 Low-dropout linear regulators 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4
|
NXP Semiconductors N.V.
|