PART |
Description |
Maker |
1N5819-1 1N5819-108 |
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
|
Sensitron
|
SS5819-1 SS5819UR-1 |
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
|
Sensitron
|
1N5619UL |
HERMETIC AXIAL LEAD/MELF RECTIFIER 1 A, SILICON, SIGNAL DIODE
|
Sensitron Semiconductor
|
SS3613 SS3611 SS3614 SS3612 |
HERMETIC AXIAL LEAD RECTIFIER
|
Sensitron
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
7154 7155 7156 7151 7161 7163 7162 7160 7157 7159 |
Submicro Axial Lead Lamp/Micro Axial Lead Lamps/Axial Lead Lamps Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps 亚微米轴向引线灯,灯微轴向引线,轴向引线
|
Gilway Technical Lamp International Light Technologies Inc. International Light Technologies, Inc.
|
3T064A 3T064B 3T072B 3T150A 3T310B 3T350A 3T310A 3 |
300V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 220V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 190V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 160V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 140V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 120V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 65V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 275V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 58V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 75V 1A surface mount and axial lead two terminal thyristor (3T) surge suppressor
|
MDE Semiconductor, Inc.
|
5KP58CA-G 5KP80A-G 5KP80CA-G 5KP350A-G 5KP350CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=64V, Tolerance=5%
|
Comchip Technology
|
MSP1N5914BUR-1A MSP1N5915BUR-1A MSP1N5914BUR-1ATR |
3.6 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, GLASS, MELF-2 3.9 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, GLASS, MELF-2 4.3 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, GLASS, MELF-2 13 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
5KP58A-HF 5KP58CA-HF 5KP80A-HF 5KP80CA-HF 5KP350A- |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
AL-XS1361-F7 |
Super Red Axial With Gull Wing Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
|