PART |
Description |
Maker |
SDA356JUF SDA276B SDA276C SDA276D SDA276E SDA276G |
600 V, 1 A fast and ultra fast rectifier assembly 100 V, 1.5 A bridge rectifier assembly 200 V, 1.5 A bridge rectifier assembly 400 V, 1.5 A bridge rectifier assembly 600 V, 1.5 A bridge rectifier assembly 1000 V, 1.5 A bridge rectifier assembly 1500 V, 1.5 A bridge rectifier assembly 800 V, 1 A fast and ultra fast rectifier assembly 1200 V, 1 A fast and ultra fast rectifier assembly 400 V, 1 A fast and ultra fast rectifier assembly
|
Solid State Devices Inc
|
DR758 DR750 DR751 DR7510 DR752 DR754 DR756 |
6.0A, 800V ultra fast recovery rectifier 6.0A, 400V ultra fast recovery rectifier 6.0A, 200V ultra fast recovery rectifier Passivated Rectifier 50 - 1000 Volts 6 Amp Glass 6 A, 1000 V, SILICON, RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
MUR660CT MUR605CT MUR610CT MUR640CT MUR620CT |
6.0A, 50V ultra fast recovery rectifier 6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 6.0A, 100V ultra fast recovery rectifier
|
MCC[Micro Commercial Components]
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
1N3913A 1N3912A 1N3909A 1N3910A 1N3911A 1N3910AR 1 |
Fast Rectifier (100-500ns) Fast Recovery Rectifier 50 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB Fast Recovery Rectifier 50 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BYV34300M BYV34-500M BYV34-300M BYV34-400M BYV34-3 |
400V, 2x10A Dual Fast Recovery common cathode Rectifier diode 300V, 2x10A Dual Fast Recovery common cathode Rectifier diode HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS 5.0 AMP POSITIVE VOLTAGE REGULATOR 500V, 2x10A Dual Fast Recovery common cathode Rectifier diode
|
SemeLAB SEME-LAB[Seme LAB]
|
UF1503S-B UF1503S-T UF1501S-B UF1501S-T UF1507S-B |
1.5A ULTRA-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-41
|
Diodes Incorporated Diodes, Inc.
|
CR5F-010 CR5F-100 CR5F-020 CR5F-040 CR5F-060 CR5F- |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER 5.0 AMP, 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
F40A F60A |
RECTIFIER, up to 6kV, 100mA, 300ns Fast Recovery Axial Rectifier. 4000 V-6000 V. Io=0.25 A 轴向快速恢复整流4000 V000五,木卫一\u003d 0.25 Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压4000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管)
|
Microsemi, Corp. Semtech Corporation
|