PART |
Description |
Maker |
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
11-141 20-141 12-141 18-141 14-141 5-141 5-141-W |
Terminal Block; Number of Positions:11; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:11; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:20; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:20; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:12; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:18; Pitch Spacing:0.375"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:18; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:14; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:14; Peak Reflow Compatible (260 C):No Terminal Block; Number of Positions:5; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:5; Peak Reflow Compatible (260 C):No
|
Cinch Connectors
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
25.320.0453.1 25.320.1653.1 25.340.1053.0 25.340.1 |
Terminal Block; No. of Positions:4; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:4; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:16; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:16; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:10; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:18; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block, Connector, Current Rating 15 Ampere, Maximum AWG Number 22, Minimum AWG Number 12 RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:9; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:3; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:2; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
39357-0002 39357-0003 39357-0004 39357-0005 39357- |
Terminal Block; Number of Positions:2; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; Number of Contacts:2 Terminal Block; No. of Positions:8; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; No. of Contacts:8; No. of Rows:1 RoHS Compliant: Yes 3.50mm (.138? Pitch 35 Series Beau? Eurostyle? Fixed Terminal Blocks 3.50mm (.138隆卤) Pitch 35 Series Beau垄莽 Eurostyle垄莽 Fixed Terminal Blocks
|
MOLEX INC Molex Electronics Ltd.
|
19131-0031 19131-0044 19129-0050 19131-0041 19139- |
191310031 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2109-04 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE ON TAPE (AA-1118-0 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2118-06 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE AVIKRIMP (BB-8781-08) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP (BB-2781-08X) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE TAPED (AA-1109-02T BLOCK SPADE AVIKRIMP TAPED (AA-834-06T) BLOCK SPADE KRIMPTITE (AA-134-08) BLOCK SPADE VERSAKRIMP (BB-3781-10) 191470063 BLOCK SPADE VERSAKRIMP (BB-3471-06) SPADE VERSAKRIMP (AA-334-10) SPADE VERSAKRIMP TAPED (AA-338-06T) BLOCK SPADE VERSAKRIMP (BB-3471-04) BLOCK SPADE VERSAKRIMP (C-3105-10)
|
Molex, Inc. MOLEX INC
|
|