PART |
Description |
Maker |
HGT1S10N12 HGT1S10N120BNS HGTP10N120BN HGTG10N120B |
From old datasheet system 35A 1200V NPT Series N-Channel IGBT 35A/ 1200V/ NPT Series N-Channel IGBT 36 MACROCELL 3.3 VOLT ISP CPLD 35 A, 1200 V, N-CHANNEL IGBT, TO-247 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, N-CHANNEL IGBT
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
IXGR40N60B2 |
60 A, 600 V, N-CHANNEL IGBT ISOPLUS 247, 3 PIN IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT
|
IXYS, Corp.
|
RJH60F7ADPK RJH60F7ADPK-00-T0 |
90 A, 600 V, N-CHANNEL IGBT Silicon N Channel IGBT High Speed Power Switching
|
Renesas Electronics Corporation
|
SGF23N60UFD SGF23N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 23 A, 600 V, N-CHANNEL IGBT Ultra-Fast IGBT Discrete, High Performance IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RJH60D1DPE-00-J3 RJH60D1DPE |
16 A, 600 V, N-CHANNEL IGBT SC-83, LDPAK-3 Silicon N Channel IGBT Application: Inverter
|
Renesas Electronics Corporation
|
RJH60D2DPE-00-J3 RJH60D2DPE |
20 A, 600 V, N-CHANNEL IGBT SC-83, LDPAK-3 Silicon N Channel IGBT Application: Inverter
|
NXP Semiconductors N.V. Renesas Electronics Corporation
|
SGL160N60UFD SGL160N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 160 A, 600 V, N-CHANNEL IGBT, TO-264AA Ultrafast IGBT Discrete, High Performance IGBT with Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IXDN75N120 L209 |
High Voltage IGBT IGBT Discretes: NPT IGBT From old datasheet system High Voltage IGBT 150 A, 1200 V, N-CHANNEL IGBT
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IXGP16N60C2D1 IXGA16N60C2 |
HiPerFASTTM IGBT C2-Class High Speed IGBT 40 A, 600 V, N-CHANNEL IGBT, TO-220AB HiPerFASTTM IGBT C2-Class High Speed IGBT 40 A, 600 V, N-CHANNEL IGBT, TO-263AB
|
IXYS, Corp.
|
FGB20N6S2 FGH20N6S2 FGP20N6S2 FGB20N6S2T |
28 A, 600 V, N-CHANNEL IGBT, TO-263AB TO-263AB, 3 PIN 600V/ SMPS II Series N-Channel IGBT 600V, SMPS II Series N-Channel IGBT, TO-263/D2PAK Package
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|