PART |
Description |
Maker |
AM29C116-1/BUA AM29C116/BUA AM29C116-2PC AM29C116- |
-100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a 18-pin LCC package; A IRHE9130 with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1323N2M with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; A OM1324SMM with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; A IRHNA7160 with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; A OM1321NKM with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1322NKM with Standard Packaging 250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-3 package; A IRHNB7264SE with Standard Packaging 16-Bit Microprocessor 16位微处理 60V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package; A IRHSNA57064 with Standard Packaging 16位微处理 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; Qualified Part Number similar to OM1320N2M 16位微处理 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1325SMM with Standard Packaging 16位微处理
|
16位微控制 AverLogic Technologies, Corp. GC Electronics Amphenol, Corp.
|
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
HI-3582PCT HI-3582PCI-10 HI-3583CJIF-10 HI-3583PCT |
3.3V ARINC 429 TERMINAL IC 2 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PQCC64 3.3V ARINC 429 TERMINAL IC 3.3终端芯片的ARINC 429 3.3V ARINC 429 TERMINAL IC 2 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, CQCC52
|
Holt Integrated Circuits, Inc. HOLT INTEGRATED CIRCUITS INC
|
M55155/057H03 4501B-4 4502C-10 4502C-14 4502C-113 |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
SUM50N03-13LC |
N-Channel 30-V (D-S) MOSFET with Sense Terminal
|
Vishay
|
19073-0244 19073-0233 19193-0105 19193-0094 19069- |
RING AVIKRIMP EXPD (C-840-56X) 5 mm2, COPPER ALLOY, RING TERMINAL 190730233 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (C-328-06T) 5 mm2, COPPER ALLOY, RING TERMINAL 191930094 5 mm2, COPPER ALLOY, RING TERMINAL RING KRIMPTITE (C-128-08) SPM 5 mm2, COPPER ALLOY, RING TERMINAL CONN RING TERM 1/2 10-12AWG 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (C-328-06) 5 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP EXPD (C-830-56X) 5 mm2, COPPER ALLOY, RING TERMINAL RING INSULKRIMP TAPED (C-230-10XT) 5 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
PSB2132H |
2-channel codec filter for terminal application
|
Siemens
|
PSB2132 PSB2134 |
Two Channel Codec Filter for Terminal Applications SICOFI2-TE
|
SIEMENS[Siemens Semiconductor Group]
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
STA381BW |
Sound Terminal? 2.1-channel high-efficiency digital audio system
|
STMicroelectronics
|
STA333BW11 |
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
|
STMicroelectronics
|
|