PART |
Description |
Maker |
MAX8559EBA MAX8559EBA2G MAX8559EBA8A MAX8559EBAG2 |
Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PBGA8 Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN 双通道00mA的,低噪声线性稳压器,带有独立的关断UCSP或TDFN封装
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX8882 MAX8882EUTA5 MAX8882EUTAQ MAX8882EUTGG MAX |
Dual / Low-Noise / Low-Dropout / 160mA Linear Regulators in SOT23 SPANISH OAK REVD 56MHZ Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
APL5312-17BI-TR APL5312-15BI-TRL APL5312 APL5312-1 |
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
|
ANPEC[Anpec Electronics Coropration]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CM2730 |
300ma DUAL LOW Noise CMOS LDO
|
Champion Microelectronic Corporation
|
AP7344 |
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
|
Diodes
|
AAT3244ITP-AA-T1 |
300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
|
Advanced Analogic Technologies
|
APL5521KC-TR APL5521KC-TRL APL5521 APL5521K APL552 |
Dual-channel, 3.3 V/500 mA and 2.5 V/300mA linear regulator Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator Dual-Channel 3.3V/500mA and 2.5V/300mA Linear Regulator
|
Anpec Electronics Corporation Anpec Electronics Coropration ETC[ETC]
|
MAX8530ETTK2 MAX8531ETTGG MAX8531EBTJJ MAX8530EBTJ |
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
|
Maxim Integrated Products
|
AIC1737 AIC1737-18 AIC1737-18CX AIC1737-20 AIC1737 |
LOW OUTPUT VOLTAGE/ 300mA LOW DROPOUT LINEAR REGULATOR LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR 低输出电压,300mA低压差线性稳压器
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation Analog Integrations, Corp.
|