PART |
Description |
Maker |
M40-3100645R |
1mm PITCH DIL SMT SKT ASSEMBLY
|
Harwin Plc
|
M52-5153845 M52-5152445 M52-5153745 M52-5151745 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 38 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 24 24-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 37 37-way 37 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 17 17-way 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 20 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-3112542 M50-3113542 M50-3111242 M50-3115042 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 35 35-way 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 12 12-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 50 50-way 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 30 30-way 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
NCP1086 NCP1086ST-33T3 NCP1086ST-ADJT3 NCP1086D2T- |
0.5mm Pitch DIL Vertical SMT Female Assembly, 2mm height, location pegs, hold-down tabs, tin, 11 11-way, Tape & Reel packing 1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
|
可调正电压单路输出LDO稳压 固定正电压单路输出LDO稳压 ONSEMI[ON Semiconductor]
|
M300-2241096F2 |
1mm CRIMP CONNECTOR DIL CRIMP HOUSING WITH POTTING WALL FEMALE ASSEMBLY
|
Harwin Plc
|
M80-8274406 M80-8272042 M80-8272045 M80-8272046 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - FRICTION LATCH
|
Harwin Plc
|
M50-4305045 M50-4300345 M50-430XX45 |
1.27 mm PITCH DIL VERTICAL SMT SOCKET ASSY 1.27MM PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
MRF03-6R-SMT-2 MRF03 MRF03-6P-0.8D MRF03-6P-0.8D-2 |
SMT Low-Profile Coaxial Multiple Contact Connectors SMT Low-Profile Coaxial Multiple Contact Connectors 2.54mm Pitch DIL Horizontal PC Tail Socket Assembly, tin, 36 36-way 贴片低轮廓同轴连接器多联 SMT Low-Profile Coaxial Multiple Contact Connectors 贴片低轮廓同轴连接器多联
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
M80-8880605 M80-8880801 M80-8880601 M80-88806T6 M8 |
DATAMATE 2mm PITCH CRIMP DIL SOCKET ASSEMBLY SMALL BORE (24-28 AWG)
|
Harwin Plc
|
|