PART |
Description |
Maker |
ZL40812DCE ZL40812DCF ZL40812 |
10GHz Fixed Modulus ÷ 16 10GHz Fixed Modulus ± 16 10GHz Fixed Modulus divide 16 Prescaler
|
ZARLINK[Zarlink Semiconductor Inc]
|
LMA116 |
2-10GHz MESFET Amplifier 2 - 10GHz的场效应管放大器
|
United Monolithic Semiconductors GmbH FILTRONIC[Filtronic Compound Semiconductors]
|
ZL40815DCF1 ZL40815 ZL40815DCE ZL40815DCE1 ZL40815 |
10GHz Fixed Modulus DIVIDE 4
|
ZARLINK[Zarlink Semiconductor Inc]
|
NBB-X-K1 NLB-310 NLB-3101 NLB-310- |
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
|
RF Micro Devices
|
NLB-300_07 NBB-X-K1 NLB-300 NLB-300-E NLB-300-T1 N |
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
|
RFMD[RF Micro Devices]
|
MCH4014 |
RF Transistor 12V 30mA fT=10GHz NPN Single MCPH4
|
ON Semiconductor
|
MCH4017 |
RF Transistor, 12V, 100mA, fT=10GHz, NPN Single MCPH4
|
ON Semiconductor
|
LM7301 |
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
|
ON Semiconductor
|
PLA150ES PLA140ES PLA140LE PLA150L |
215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C
|
Integrated Silicon Solution, Inc.
|
LT6237 |
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
|
Linear Technology
|