PART |
Description |
Maker |
LTC3630-15 |
High Efficiency, 65V 500mA Synchronous Step-Down Converter
|
Linear Technology
|
LTC3630 |
65V 500mA Synchronous Step-Down Converter
|
Linear Technology
|
MAX5023 MAX5023ASA MAX5023-MAX5024 MAX5024 MAX5024 |
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with P Reset and Watchdog Timer " 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?P Reset and Watchdog Timer" 65V Low-Quiescent-Current High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V / Low-Quiescent-Current / High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with レP Reset and Watchdog Timer 65V、低静态电流、高压线性稳压器,带有微处理器复位及看门狗定时器 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO8 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?? Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC3251EMSE LTC3251EMSE-1.2 LTC3251EMSE-1.5 LTC325 |
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converters
|
Linear Technology
|
5962-9761002HXA 5962-9761003HXC |
Voltage-Output, 12-Bit Multiplying DACs EEPROM 500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter EEPROM
|
PHOENIX CONTACT Deutschland GmbH Maxim Integrated Products, Inc.
|
LTC3251EMSE-1.5PBF LTC3251-1.2-15 LTC3251-1.5-15 L |
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 0.65 A SWITCHED CAPACITOR REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MIC5239 MIC5239BMM MIC5239BM MIC5239-3.0BS MIC5239 |
1.6 MHz, 3V to 6V Input, 3A Syn. Step Down SWIFT Converter with Disabled Sinking During Start UP 24-VQFN -40 to 125 1.24 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 Low Quiescent Current 500mA UCap LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MTN3630-AHR MTN3630-AUR MTN3620-CHR MTN3620-CUR MT |
High efficiency & ultra bright numeric. .53 inches digit size - R.H.D.P.. Emitted color red. HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS RECTIFIER STANDARD SINGLE 1A 200V 200 30A-ifsm 5uA-ir 1V-vf A405 5K/REEL-13 HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS 高效 High efficiency & ultra bright numeric. .56 inches digit size - R.H.D.P.. Emitted color red.
|
Marktech Optoelectronics MARKTECH[Marktech Corporate] Atmel, Corp.
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|