PART |
Description |
Maker |
LT3509 |
700mA Step-Down Regulator
|
Linear Technology
|
AAT1156IVN-T1 |
1MHz 700mA Step-Down DC-DC Converter
|
Advanced Analogic Technologies, Inc.
|
SB07-03C |
30V/ 700mA Rectifier Small signal(single type) 30V 700mA Rectifier 30V, 700mA Rectifier Shottky Barrier Diode
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
AX6638 |
Dual 700mA LDO Regulator
|
AXElite
|
ISL6548ACRZ-T ISL6548ACRZA ISL6548ACRZA-T ISL6548A |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-PDIP 0 to 70 500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
XC6222D251MR-G |
Reverse Current Protection, 700mA High Speed LDO Regulator
|
Torex Semiconductor
|
XC6227 |
700mA High Speed LDO Regulator with Reverse Current Protection
|
Torex Semiconductor
|
AMC7140 AMC7140DLFT |
700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
|
ADDtek Corp
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
HM77-11003 HM77-12003 HM77-14004 HM77-13003 HM77-2 |
AUTO TEMP PROTECTED QUAD 60V,700mA/CHNL UDK2559LB WITH TAPE & REEL Power Driver IC; Number of Drivers:4; Power Driver Type:Protected; Supply Voltage Max:7V; Output Current Max:700mA; Package/Case:16-DIP; Driver Type:Power; Leaded Process Compatible:No; Output Current:700mA 超薄表面贴装电感 Low Profile Surface Mount Inductors 超薄表面贴装电感
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] BI Technologies
|
TLD5045EJ-15 |
700mA High Integration - DC/DC Step-Down Converter
|
Infineon Technologies A...
|
LT1959 LT1959C LT1959CR LT1959CS8 LT1959I LT1959IR |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Downn Switching Regulator From old datasheet system
|
LINER[Linear Technology]
|