PART |
Description |
Maker |
IXTQ170N10P |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTR120N20P |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTP2N100 IXTA2N100 |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTA2N80 IXTP2N80 |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTK102N30P |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTV26N50PS IXTQ26N50PS |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTH10N100 IXTH12N100 IXTM12N100 |
Discrete MOSFETs: Standard N-channel Types MEGAMOS FET
|
IXYS Corporation
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IXTH1N100 IXTT1N100 |
Discrete MOSFETs: Standard N-channel Types High Voltage MOSFET
|
IXYS Corporation
|
IXTA36N30P IXTQ36N30P IXTP36N30P |
Discrete MOSFETs: Standard N-channel Types POLARHT POWER MOSFET
|
IXYS Corporation
|
IXTA50N20P IXTP50N20P IXTQ50N20P |
Discrete MOSFETs: Standard N-channel Types POLARHT POWER MOSFET N-CHANNEL ENHANCEMENT MODE
|
IXYS Corporation
|
IXTH30N50 |
MegaMOS FET 30 A, 500 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD Discrete MOSFETs: Standard N-channel Types
|
IXYS, Corp. IXYS Corporation
|