PART |
Description |
Maker |
IRF8915 |
HEXFETPower MOSFET
|
http:// IRF[International Rectifier]
|
IRF7103QPBF |
AUTOMOTIVE MOSFET HEXFETPower MOSFET ㈢汽车的HEXFET MOSFET的功率MOSFET
|
International Rectifier, Corp.
|
IRF1010EPBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
International Rectifier, Corp.
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI9640 IRFI9640G |
Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-6.1A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-6.1A) -200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRLML0040TRPBF |
HEXFETpower MOSFET Compatible with existing Surface Mount Techniques Lower switching losses
|
TY Semiconductor Co., Ltd
|
IRFP2907 IRFP2907PBF |
Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A? Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A?) AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A) 75V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
IRF[International Rectifier]
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|