PART |
Description |
Maker |
7C420-65 7C433-65 7C425-20 7C425-65 7C425-40 7C425 |
256/512/1K/2K/4K x 9 Asynchronous FIFO 256/512/1K/2K/4K × 9异步FIFO 256/512/1K/2K/4K x 9 Asynchronous FIFO 4K X 9 OTHER FIFO, 40 ns, PDIP28 256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 65 ns, PQCC32
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT7202 IDT7200L12J IDT7200L12J8 IDT7200L12SO IDT7 |
1K x 9 AsyncFIFO, 5.0V 512 x 9 AsyncFIFO, 5.0V 256 x 9 AsyncFIFO, 5.0V CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
|
IDT
|
CY7C4205-10AXCT CY7C4205-35AI CY7C4245-10AXCT CY7C |
64/256/512/1K/2K/4K x 18 Synchronous FIFOs 256 X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 20 ns, PQFP64 64/256/512/1K/2K/4K x 18 Synchronous FIFOs 4K X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 20 ns, PQCC68
|
Cypress Semiconductor, Corp.
|
MSM64Q424-NGS-K MSM64422-XXXMS-K MSM64424-XXXMS-K |
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller 内置256/512-Bit EEPROM和LCD驱动位微控制
|
OKI SEMICONDUCTOR CO., LTD.
|
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
IDT7284L15 IDT7282L15PAI IDT7281L12 IDT7280L12 IDT |
ACB 5C 2#8 3#12 PIN PLUG CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 1K X 9 BI-DIRECTIONAL FIFO, 15 ns, PDSO56 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO256 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO56 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 1K x 9 DualAsync FIFO, 5.0V 8K x 9 DualAsync FIFO, 5.0V 256 x 9 DualAsync FIFO, 5.0V 512 x 9 DualAsync FIFO, 5.0V 4K x 9 DualAsync FIFO, 5.0V 2K x 9 DualAsync FIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
CY7C4201 CY7C4201-10AC CY7C4201-10JC CY7C4201-15AC |
64/256/512/1K/2K/4K/8K X 9 SYNCHRONOUS FIFOS
|
CYPRESS[Cypress Semiconductor]
|
CY14V104LA |
4-Mbit (512 K x 8 / 256 K x 16) nvSRAM
|
Cypress Semiconductor
|
IDT72605L20J IDT72615L20J IDT72605L35J IDT72605L35 |
CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
|
IDT[Integrated Device Technology]
|
CY14B104NA-BA25IT |
4-Mbit (512 K x 8/256 K x 16) nvSRAM
|
Cypress Semiconductor
|
AM29F400BB-55FEB AM29F400BB-55FIB AM29F400BT-55FCB |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc. http://
|
|