PART |
Description |
Maker |
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
CYD36S18V18-167BGXC CYD36S36V18-167BGXC CYD36S36V1 |
FullFlex(TM) Synchronous SDR Dual-Port SRAM; Density: 36 Mb; Organization: 2Mb x 18; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 2M X 18 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex(TM) Synchronous SDR Dual Port SRAM; Density: 36 Mb; Organization: 1Mb x 36; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 1M X 36 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 1M X 36 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 256K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 4 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 3.3 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484
|
Cypress Semiconductor, Corp.
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
MCM69D618 MCM69D618TQ6 MCM69D618TQ6R MCM69D618TQ8 |
64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM From old datasheet system
|
Motorola, Inc.
|
SC2446A |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
IDT70T3319S133BF IDT70T3319S133BC IDT70T3319S133DD |
JFET-Input Operational Amplifier 8-SOIC 0 to 70 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高.5V12/256/128K X 18 SYNCHRONOU S双,端口静态与3.3V.5V的内存界 JFET-Input Operational Amplifier 8-TSSOP 0 to 70 512K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 JFET-Input Operational Amplifier 8-SO 0 to 70 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 10 ns, PBGA208
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C1299A-100AC CY7C1299A-83AC CY7C1299A |
32K x 36 Dual I/O Dual Address Synchronous SRAM
|
http:// Cypress Semiconductor
|
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|