PART |
Description |
Maker |
CS49510 CS49500 CS49520 |
Multi-Standard 32-bit Audio Decoder and Programmable DSPs New Audio DSP Delivers High-End Performance Powerful 32-bit Dual Coyote32 Core (1440 MOPS)
|
Cirrus Logic
|
STA1095 |
Accordo2 Dual Core 32-bit ARM Cortex-R4 / Cortex-M3 processor, with embedded SRAM, integrated DSP sound subsystem, audio ADCs and DACs, isolated CAN MCU for Car Radio and Display Audio applications
|
ST Microelectronics
|
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
CS495303-CVZ CS495313-CQZ CS495313-CVZ CS495304-CV |
Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Supply Voltage Max:3.3V; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:3.3V RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP144 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:3.3V RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 COLOR SIGNAL DECODER, PQFP128 LEAD FREE, LQFP-128 DSP - Audio IC 32-bit Decodr DSP w/Dual DSP Engine
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
CS48DV2B CS48DV2B-CQZ CS48DV2B-DQZ |
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
|
Cirrus Logic
|
CS493253 CS493254 CS493302 CS493263 CS493263-DL CS |
Multi-Standard Audio Decoder Family Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:Yes; MIPS:72; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes SPECIALTY CONSUMER CIRCUIT, PQCC44 Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:Yes; MIPS:86; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes SPECIALTY CONSUMER CIRCUIT, PQCC44 Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:No; MIPS:86; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:3.3V RoHS Compliant: Yes Multi-Standard Audio Decoder Family
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
CS4265-CNZR CS4265-DNZR |
CODECs - Audio IC 24-bit 192kHz Str Cdc w/PGA &Inpt Mux SPECIALTY CONSUMER CIRCUIT, QCC32 104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
|
Cirrus Logic, Inc.
|
BU9414FV-E2 |
32bit Audio DSP
|
Rohm
|
AD1817A |
Multimedia Audio Subsystem For Concurrently Processing Multiple Digital Streams Of 16-bit Stereo Audio In Personal Computers.(可处理个人电脑的16位立体声多重数字流的多媒体声音子系统)
|
Analog Devices, Inc.
|
BA3518F-T1 BA3528FP-T1 BA3506AFT1 BA3506AFE1 BA350 |
0.031 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16 SOP-16 0.034 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO28 HSOP-28 0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 5.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM12 5.2 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM10
|
Intel, Corp.
|
AK7734 AK7734XQ AKD7734 |
Audio DSP with 2-Channel ADC/SRC
|
Asahi Kasei Microsystems
|