PART |
Description |
Maker |
AM24LC16VSA AM24LC16 AM24LC16I AM24LC16IN AM24LC16 |
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
|
ANACHIP[Anachip Corp]
|
24LC02BTI_SNG 24LC02BI_SNG 24LC02BI_OTG 24LC02BI_P |
The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C ... The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24AA02 features hardware write protect, Schmitt trigger inp 2K I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS93C46-3 IS93C46-3G IS93C46-3GI IS93C46-3GR IS93C |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 1,024位串行电可擦除可编程ROM 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ER5911 ER5911-IJ ER5911-IP ER5911-J ER5911-P ER591 |
1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM 00028 x 84 × 16)串行电可擦除可编程ROM Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
X24320V14IG-1.8 X24320S8IG-1.8 X24320PIG-1.8 X2432 |
400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 PLASTIC, SOIC-8 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
IC MICROSYSTEMS Sdn. Bhd. IC MICROSYSTEMS SDN BHD
|
X9241AWP X9241AWPI X9241AMP X9241AWV X9241AWPIZ X9 |
Low Powr/2-Wire Serial Bus 低Powr/2-Wire串行总线 Low Powr/2-Wire Serial Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
CAT24C03TDI-GT3 CAT24C03TDI-T3 CAT24C05LI-T3 CAT24 |
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection 2 kb I<sup>2</sup>C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
24LC22A 24LC22A-I/P 24LC22A-I/SN 24LC22AT-I/SN |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 2K VESA E - EDID SERIAL EEPROM The Microchip Technology Inc. 24LC22A is a 256 x 8-bit dual-mode Electrically Erasable PROM. This device is designed for use in applications requiring storage and serial transmission of configuration and control information. Two modes of o The Microchip Technology Inc. 24LC22A is a 256 x 8-bit dual-mode Electrically Erasable PROM. This device is designed for use in applications ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
AT34C02C08 AT34C02CY6-YH-T AT34C02C-TH-B AT34C02CU |
8 TSSOP, PB/HALO FREE,1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
IS93C66A-2PI IS93C56A-3ZLA3 IS93C66A-3ZLA3 IS93C56 |
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|