PART |
Description |
Maker |
EDI8F32512C EDI8F32512C-MM EDI8G32512C-MM |
512Kx32 Static RAM CMOS, High Speed Module(512Kx32高速CMOS静态RAM模块) 2-Phase, High Speed CCD Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R
|
White Electronic Designs Corporation
|
AD8010 AD80102000 AD8010AR-16-REEL7 AD8010AR-REEL |
Low Power, High Current Distribution Amplifier 200 mA Output Current High-Speed Amplifier 200 mA Output Current High Speed Amplifier
|
Analog Devices
|
CY29949AXC CY29949AXCT CY29949AXI CY29949AXIT CY29 |
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 15; Operating Range: 0 to 70 C 29949 SERIES, LOW SKEW CLOCK DRIVER, 15 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP52
|
Cypress Semiconductor, Corp. http://
|
802-10-016 802-Z1-016-10-002 800-10-016-10-001 800 |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. Safety Control Relay; Contacts:SPST-NO; Contact Carry Current:4A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 4 AAC/ADC; Height:110mm; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No 45LM58D TIMING BOARD Q45 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 6.0 - 52.0 V; IL(SC): 6.5 A; Diagnostic: n.a.
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
BAV21W |
SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
|
Rectron Semiconductor
|
ISL58292IN ISL5829EVAL1 ISL5829IN |
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter Dual 12-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 210MHz; 3.6V; 24mA; dual 12-bit, 3.3V, 130/210 MSPS, commLink high speed D/A converter. For quadrature transmit with IF range 0-80MHz, medical/test instrumentation and equipment, wireless communication systems, BWA infrastructure
|
http:// Intersil Corporation
|
ADL5201ACPZ-R7 ADL5201-EVALZ |
Wide Dynamic Range, High Speed
|
Analog Devices
|
M38030F2L-XXXHP M38030F2L-XXXKP M38030F2L-XXXSP M3 |
256 Kbit (32K x 8) nvSRAM; Organization: 32Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 256 Kb; Package: SOIC 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: 0 to 70 C 256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.50 to 5.50 V; Three-PLL General Purpose FLASH Programmable Clock Generator; Voltage (V): 3.3 V; Input Range: 1 MHz to 166 MHz; Output Range: 1 MHz to 200 MHz; Outputs: 6 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 256; Vcc (V): 3.3; fMax (MHz): 66; tPD (ns): 12 8-Mbit (512K x 16) Static RAM; Density: 8 Mb; Organization: 512Kb x 16; Vcc (V): 2.20 to 3.60 V; 9-Mbit (256K x 36/512K x 18) Pipelined SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM; Architecture: Standard Sync, Flow-through; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 18-Mbit QDR(TM)-II SRAM 4-Word Burst Architecture; Architecture: QDR-II, 4 Word Burst; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 1.7 to 1.9 V Four Output PCI-X and General Purpose Buffer; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 140 MHz; Outputs: 4; Operating Range: 0 to 70 C 18-Mbit QDR(TM)-II SRAM 2-Word Burst Architecture; Architecture: QDR-II, 2 Word Burst; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 1.7 to 1.9 V 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL(TM) Architecture; Architecture: NoBL, Flow-through; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 2.4 to 2.6 V 4-Mbit (512K x 8) Static RAM; Density: 4 Mb; Organization: 512Kb x 8; Vcc (V): 4.50 to 5.50 V; 4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 2.20 to 3.60 V; 64K x 16 Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 3.0 to 3.6 V; 1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 4.5 to 5.5 V; 9-Mbit (256K x 36/512K x 18) Pipelined SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 3.0 to 3.6 V; 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 16-Mbit (1M x 16 / 2M x 8) Static RAM; Density: 16 Mb; Organization: 1Mb x 16; Vcc (V): 4.50 to 5.50 V; 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY; Density: 128 Kb; Organization: 8Kb x 16; Vcc (V): 4.5 to 5.5 V; Speed: 35 ns 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL(TM) Architecture; Architecture: NoBL, Flow-through; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 2.4 to 2.6 V 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 8-Mbit (512K x 16) Static RAM; Density: 8 Mb; Organization: 512Kb x 16; Vcc (V): 4.50 to 5.50 V; 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM; Architecture: Standard Sync, Flow-through; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 256K x 16 Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 4.5 to 5.5 V; 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM; Architecture: Standard Sync, Pipeline DCD; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 8-Mbit (1024K x 8) Static RAM; Density: 8 Mb; Organization: 1Mb x 8; Vcc (V): 2.20 to 3.60 V; 18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 3.1 to 3.6 V 256K x 16 Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 8-Mbit (1M x 8) Static RAM; Density: 8 Mb; Organization: 1Mb x 8; Vcc (V): 2.20 to 3.60 V; 3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 8; Operating Range: -40 to 85 C Programmable Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: -40 to 85 C 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL(TM) Architecture; Architecture: NoBL, Flow-through; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 3.1 to 3.6 V 18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 18 Mb; Organization: 1Mb x 18; Vcc (V): 3.1 to 3.6 V 512K x 8 Static RAM; Density: 4 Mb; Organization: 512Kb x 8; Vcc (V): 4.5 to 5.5 V; 18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 2.4 to 2.6 V 2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 12; Operating Range: -40 to 85 C 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: -40 to 85 C 2M x 8 Static RAM; Density: 16 Mb; Organization: 2Mb x 8; Vcc (V): 3.0 to 3.6 V; 16 Mbit (512K X 32) Static RAM; Density: 16 Mb; Organization: 512Kb x 32; Vcc (V): 3.0 to 3.6 V; 3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 8; Operating Range: 0 to 70 C 8-Mbit (1M x 8) Static RAM; Density: 8 Mb; Organization: 1Mb x 8; Vcc (V): 3.0 to 3.6 V; 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 5; fMax (MHz): 125; tPD (ns): 6 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 3.0 to 3.6 V; 16-Mbit (1M x 16) Static RAM; Density: 16 Mb; Organization: 1Mb x 16; Vcc (V): 3.0 to 3.6 V; 4-Mbit (256K x 18) Pipelined DCD Sync SRAM; Architecture: Standard Sync, Pipeline DCD; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.1 to 3.6 V 512K (32K x 16) Static RAM; Density: 512 Kb; Organization: 32Kb x 16; Vcc (V): 3.0 to 3.6 V; 4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 4 Mb; Organization: 128Kb x 36; Vcc (V): 3.1 to 3.6 V 1M x 16 Static RAM; Density: 16 Mb; Organization: 1Mb x 16; Vcc (V): 3.0 to 3.6 V; Programmable Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: 0 to 70 C 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 9; Operating Range: 0 to 70 C MoBL(R) 2 Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 2.20 to 3.60 V; Rambus(R) XDR(TM) Clock Generator; VDD: 2.5 V; Input Frequency: 100 MHz to 133 MHz; Output Frequency: 300 MHz to 800 MHz; # Out: 4 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 2.20 to 3.60 V; 4-Mbit (128K x 36) Pipelined Sync SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 4 Mb; Organization: 128Kb x 36; Vcc (V): 3.1 to 3.6 V 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 5; fMax (MHz): 167; tPD (ns): 7 2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 10; Operating Range: 0 to 70 C 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 5; fMax (MHz): 100; tPD (ns): 7 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 5; fMax (MHz): 125; tPD (ns): 7 18-Mbit DDR-II SRAM 2-Word Burst Architecture; Architecture: DDR-II CIO, 2 Word Burst; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 1.7 to 1.9 V Low Voltage Programmable Skew Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: 0 to 70 C Spread Spectrum Clock Generator; Voltage(V): 3.3 V; Input Frequency Range: 25 MHz to 100 MHz; Output Frequency Range: 25 MHz to 100 MHz; Operating Range: 0 to 70 C; Package: SOIC Low Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: 0 to 70 C 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 3.3; fMax (MHz): 143; tPD (ns): 9 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 5; fMax (MHz): 154; tPD (ns): 6 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 3.3; fMax (MHz): 100; tPD (ns): 9 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 3.3; fMax (MHz): 83; tPD (ns): 10 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 5; fMax (MHz): 125; tPD (ns): 6 单芯位CMOS微机 Three-PLL General-Purpose EPROM Programmable Clock Generator; Voltage (V): 3.3/5.0 V; Input Range: 1 MHz to 30 MHz; Output Range: .077 MHz to 100 MHz; Outputs: 6 单芯位CMOS微机 8-Mbit (512K x 16) MoBL(R) Static RAM; Density: 8 Mb; Organization: 512Kb x 16; Vcc (V): 2.20 to 3.60 V; 单芯位CMOS微机 High Speed Low Voltage Programmable Skew Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 3.75 MHz to 110 MHz; Outputs: 8; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 100 MHz; Outputs: 10; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 9; Operating Range: -40 to 85 C 单芯位CMOS微机 Programmable Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: -40 to 85 C 单芯位CMOS微机 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 3.0 to 3.6 V; 单芯位CMOS微机 MoBL(R) 1 Mbit (128K x 8) Static RAM; Density: 1 Mb; Organization: 128Kb x 8; Vcc (V): 2.20 to 3.60 V; 单芯位CMOS微机 18-Mbit QDR(TM)-II SRAM 2-Word Burst Architecture; Architecture: QDR-II, 2 Word Burst; Density: 18 Mb; Organization: 1Mb x 18; Vcc (V): 1.7 to 1.9 V 单芯位CMOS微机 1-Mbit (128K x 8) Static RAM; Density: 1 Mb; Organization: 128Kb x 8; Vcc (V): 4.50 to 5.50 V; 单芯位CMOS微机 4-Mbit (256K x 18) Pipelined Sync SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.1 to 3.6 V 单芯位CMOS微机 2-Mbit (64K x 32) Pipelined Sync SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 2 Mb; Organization: 64Kb x 32; Vcc (V): 3.1 to 3.6 V 单芯位CMOS微机 200-MHz Field Programmable Zero Delay Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 10 MHz to 200 MHz; Outputs: 12; Operating Range: -40 to 85 C 单芯位CMOS微机 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 2.20 to 3.60 V; 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 2-Mbit (256K x 8) Static RAM; Density: 2 Mb; Organization: 256Kb x 8; Vcc (V): 2.20 to 3.60 V; 单芯8位CMOS微机 Very Low Jitter Field and Factory Programmable Clock Generator; Voltage (V): 3.3 V; Input Range: 10 MHz to 133 MHz; Output Range: 20 MHz to 200 MHz; Outputs: 2 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: -40 to 85 C 单芯位CMOS微机 Three-PLL General Purpose FLASH Programmable Clock Generator; Voltage (V): 3.3 V; Input Range: 1 MHz to 166 MHz; Output Range: 0 MHz to 200 MHz; Outputs: 3 单芯位CMOS微机 1:8 Clock Fanout Buffer; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 350 MHz; Outputs: 8; Operating Range: -40 to 85 C 单芯位CMOS微机 Quad PLL Clock Generator with 2-Wire Serial Interface; Voltage (V): 2.5/3.3 V; Input Range: 27 MHz to 27 MHz; Output Range: 4.2 MHz to 166 MHz; Outputs: 5 单芯位CMOS微机 2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 12; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 9; Operating Range: 0 to 70 C 单芯位CMOS微机 High Speed Multi-phase PLL Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 24 MHz to 200 MHz; Outputs: 11; Operating Range: 0 to 70 C 单芯位CMOS微机 2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 18; Operating Range: -40 to 85 C 单芯位CMOS微机 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 12; Operating Range: 0 to 70 C 1:8 Clock Fanout Buffer; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 350 MHz; Outputs: 8; Operating Range: 0 to 70 C Spread Spectrum Clock Generator; Voltage(V): 3.3 V; Input Frequency Range: 4 MHz to 32 MHz; Output Frequency Range: 4 MHz to 32 MHz; Operating Range: 0 to 70 C; Package: SOIC High Speed Low Voltage Programmable Skew Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 3.75 MHz to 110 MHz; Outputs: 8; Operating Range: 0 to 70 C 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 3.3; fMax (MHz): 100; tPD (ns): 9
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
CY7B9950V-5AXC CY7B995007 CY7B9950 CY7B9950AC CY7B |
2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
|
Cypress Semiconductor http://
|
AD817AN AD817AR |
High Speed/ Low Power Wide Supply Range Amplifier
|
Analog Devices
|
ADL5201 |
Wide Dynamic Range, High Speed, Digitally Controlled VGA
|
Analog Devices
|
IL710T-2 IL710T-2TR13 IL710T-2TR7 IL710T-3 IL710T- |
T-Series Wide Temperature Range High Speed Digital Coupler
|
List of Unclassifed Manufacturers ETC[ETC]
|
|