PART |
Description |
Maker |
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
MDT2005 MDT2005EP |
8-bit micro-controller uses a fully static CMOS design technology Function Compatible With PIC16C54
|
List of Unclassifed Manufacturers ETC N.A. Micon Design Technology
|
MDT10P73 |
This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
|
List of Unclassifed Manufacturers
|
EM73362 |
Single Chip CMOS 4-Bit Micro-Controller for LCD Product(用于LCD显示驱动,工作电.1V.8V的单片CMOS 4位微控制 单芯片的CMOS 4位微控制器的LCD产品(用于液晶显示驱动,工作电压1.1V的或1.8的单片的CMOS 4位微控制器)
|
Elan Microelectronics, Corp.
|
MB90M407 E713718 MB90MF408 |
Micro controller 16-Bit Proprietary F2MC-16LX Family FL Controller Products From old datasheet system
|
Fujitsu
|
IDT72401 IDT72401L10D IDT72401L10DB IDT72401L10P I |
Current-Mode PWM Controller 8-PDIP 0 to 70 High-Performance Current-Mode PWM Controller 8-SOIC 0 to 70 PT 39C 2#16 37#20 PIN RECP 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT CMOS并行FIFO4 × 4位和64 × 5 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 19 ns, PDIP18
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
MB89538C MB89538 MB89537C MB89537 MB89530 MB89PV53 |
8-bit Original Microcontroller Micro controller 8-Bit Proprietary F2MC-8L Family UART Product
|
FUJITSU[Fujitsu Media Devices Limited]
|
MSU2957C40 MSU2957 MSU2957C16 MSU2957C25 |
8-Bit Micro-controller
|
MOSEL[Mosel Vitelic, Corp]
|
HE83144 |
8-BIT MICRO-CONTROLLER
|
King blillion Electronics Co.,Ltd.
|
HE84G763B |
8-BIT MICRO-CONTROLLER
|
King blillion Electronics Co.,Ltd.
|
HE89810 |
8-BIT MICRO-CONTROLLER
|
King blillion Electronics Co.,Ltd.
|