PART |
Description |
Maker |
AK2570 |
Feed-Forward APC for Laser Diode Modules Feed Forward APC LSI for LD Module
|
AKM Asahi Kasei Microsystems
|
3-455888-2 3-455888-7 |
Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
|
TE Connectivity Ltd
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
DBF050180 DBF05018030KVP3000PF/-20R230 |
1 FUNCTIONS, 30000 V, 60 A, FEED THROUGH CAPACITOR Feed-Through Capacitors with Conductor Rod
|
VISHAY DRALORIC Vishay Siliconix
|
LTC3705 LTC3705EGN LTC3705IGN |
2-Switch Forward Controller and Gate Driver
|
Linear Technology
|
LTC3765 |
Active Clamp Forward Controller and Gate Driver
|
Linear Technology Corporation
|
LTC3726 |
Secondary-Side Synchronous Forward Controller From old datasheet system
|
Linear Technology Corporation
|
NCP1212/D |
Current Mode PWM Controller for Both Forward and Flyback Converters 电流模式PWM控制器正向和反激式转换器
|
ON Semiconductor
|
LT3752-1-15 LT3752-15 |
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
|
Linear Technology
|