PART |
Description |
Maker |
MIC48121104 |
High Current 6 Channel Linear WLED Driver with DAM and Ultra Fast PWM Control
|
Micrel Semiconductor
|
MAX1705C/D MAX1706C/D MAX1705D MAX1705EEE MAX1706D |
1- to 3-Cell / High-Current / Low-Noise / Step-Up DC-DC Converters with Linear Regulator PTSE 18C 18#20 SKT PLUG 1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
|
Maxim Integrated Products, Inc.
|
KID65081AF KID65081AP KID65082AF KID65082AP KID650 |
BIPOLAR LINEAR INTEGRATED CIRCUIT (8 HIGH-VOLTAGE HIGH-CURRENT DARLING TON TRANSISTOR ARRAYS) 双极线性集成电路(8个高电压高电流达林震晶体管阵列) Darlington Driver
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
SI-3025LSA SI-3025 SI3025 SI3025LSA |
LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR LOW-VOLTAGE/ HIGH-CURRENT 2.5 V LINEAR REGULATOR
|
Allegro MicroSystems
|
UC2842ADR2 |
Linear High-Performance Current Mode Controller
|
ON Semiconductor
|
EC4213 EC4213NNM1R |
Constant Current N-Channel MOSFET Linear LED Controller
|
E-CMOS Corporation
|
UL23EBL-SH2-R |
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
|
Unisonic Technologies
|
PAM2811EYCR |
Linear Four-Channel Single-Wire Dimming 40mA Current Sink
|
Diodes
|
MAX1682408 MAX16824AUE MAX16825AUE |
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
|
Maxim Integrated Products
|
2SJ464 |
P CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ CHOPPOER REGULATOR/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) NTE Panel Mount Socket, Current Rating: 5 A, Voltage Rating: 120 V, Contact Termination: Solder, Features: 14 pin blade socket, 4PDT applications P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPOER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
C788407 C7884-01 C7884G C7884G-01 |
High-precision driver circuit for current-output type NMOS linear image sensor
|
Hamamatsu Corporation
|
A6262KLYTR-T |
The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
|
Allegro MicroSystems
|