PART |
Description |
Maker |
LTC2654BCGN-H16PBF LTC2654BCGN-L16PBF LTC2654BCUF- |
Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2634CUDLMX12PBF LTC2634IUDLMX12PBF LTC2634HUDLM |
Quad 12-10-8-Bit Rail-to-Rail DACs with 10ppm C Reference
|
Linear Dimensions Semiconductor
|
LTC2604LTC2614LTC2624 LTC2614 LTC2604 LTC2604CGN L |
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology
|
LTC1458ISW LTC1458IG LTC1458LCG LTC1458LCSW LTC145 |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-RailvMicropower DACs
|
Linear Technology, Corp.
|
EM78P451SP EM78P451SAQ EM78P451SWM |
8-Bit Microcontroller with OTP ROM Quad, Serial, 8-Bit DACs with Rail-to-Rail Outputs
|
ELAN Microelctronics Corp .
|
MAX509 |
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs(四通道,电压输出,串行,8位D/A转换 四路、串行位DAC,满摆幅输出
|
Maxim Integrated Products, Inc.
|
LTC2654CUF-H12PBF LTC2654BCUF-H16PBF LTC2654CUF-L1 |
Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/隆?C Max Reference Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology http://
|
LTC2634CUD-LMI10 LTC2634IUD-LMI10 LTC2634HUD-LMI10 |
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/隆?C Reference Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/掳C Reference Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC2634-LMX10 LTC2634-LMI10 LTC2634-HZ10 LTC2634-H |
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/掳C Reference Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/隆?C Reference Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC1655L LTC1655LCS8PBF LTC1655LIS8PBF |
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package(16微功耗满幅度电压输出数模转换SO-8封装,内部基准1.25V)) 16位轨至轨微数模转换器采用SO - 8封装6位,微功耗满幅度电压输出数模转换器(以SO - 8封装.25V的内部基准) 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
LTC2657BCUFD-H16PBF LTC2657BCUFD-H16TRPBF LTC2657B |
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|