PART |
Description |
Maker |
ISL6334D09 |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
|
Intersil Corporation
|
ISL6334CIRZ ISL6334CCRZ ISL6334BCRZ ISL6334CCRZ-T |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
CHL8314CRT CHL8314-XXCRT CHL8314-15 |
Digital Multi-Phase Buck Controller Intel VR11.x compliant Digital PWM Controller
|
International Rectifier
|
ISL6312 ISL6312CRZ ISL6312IRZ |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
|
Intersil Corporation
|
ISL6307BIRZ ISL6307BCRZ ISL6307B |
6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
|
Intersil Corporation
|
ISL6314IRZ-T |
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp.
|
ISL6333CIRZ ISL6333CCRZ ISL6333A ISL6333CRZ ISL633 |
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications; Temperature Range: -40°C to 85°C; Package: 48-QFN
|
Intersil Corporation
|
L6713A0805 |
2/3/4 phase controller with embedded drivers for Intel VR11.1
|
STMicroelectronics
|
NCP5385 NCP5385MNR2G |
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
|
ON Semiconductor
|
L6713 |
3,4 Phase Controller For Intel Vr10,Vr11 And Amd 6Bit Cpus
|
ST Microelectronics, Inc.
|
L6713A L6713ATR |
2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
|
STMicroelectronics
|
L6750TR L6750 |
2 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface
|
http:// STMicroelectronics
|