PART |
Description |
Maker |
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
MHT8P20 MTP3N12 VN2410B |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 8A I(D) | TO-258AA TRANSISTOR | MOSFET | N-CHANNEL | 120V V(BR)DSS | 3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 240V V(BR)DSS | 700MA I(D) | TO-39 晶体管| MOSFET的| N沟道| 240伏五(巴西)直| 700mA的一d)| TO - 39封装
|
Microchip Technology, Inc.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
IRFU3709 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 90A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 90A型(丁)|51AA HEXFET? Power MOSFET SMPS MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IXFX32N50Q IXFK30N50Q IXFK32N50Q IXFX30N50Q |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 32A I(D) | TO-264AA TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|32AI(D)|TO-247VAR
HIPERFET POWER MOSFETS Q-CLASS
|
IXYS[IXYS Corporation]
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
IRFU214A IRFR214A |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 2.2AI(四)|52AA
|
Intersil, Corp.
|
IRF9Z14STRL IRF9Z14L IRF9Z14STRR |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-262 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 6.7AI(四)|63AB
|
Sumida, Corp.
|
IRFU320A IRFR320A |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.1A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.1A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 3.1AI(四)|52AA
|
|