PART |
Description |
Maker |
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
P89LPC915FDH P89LPC916FDH P89LPC917FDH P89LPC917FD |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter; Package: SOT403-1 (TSSOP16) 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO16 P89LPC915/916/917; 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|
SAK-TC1765T-L40EB SAK-TC1765N-L40EB |
32-Bit Microcontrollers - incl. OCDS 2 trace port 32-Bit Microcontrollers - OCDS Level 1
|
Infineon
|
SAB-C161PI-L25FCA SAB-C161PI-L25MCA SAB-C161PI-LF3 |
16-Bit Microcontrollers - 0C - 70C, 25MHz, P-TQFP-100 Consumer Class 16-bit Microcontroller 16-Bit Microcontrollers - 0C - 70C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-TQFP-100, 3V 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100
|
Infineon
|
PIC16C771-04I/P PIC16C771-04I/JW PIC16C771-20I/P P |
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器10/12-Bit的A / D 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器0/12-Bit的A / D IC-SM-8-BIT MCU
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
MB89F051 MB89051 MB89F051PFM MB89051PFM |
8-bit Proprietary Microcontrollers F2MC-8L MB89051 Series Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product F2MC-8L/Low Power/Low Voltage Microcontrollers
|
FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
SABC165-L25F SABC165-L25FCA SABC165-L25FHA SABC165 |
16-Bit Microcontrollers - 16-Bit microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit microcontroller (20 Mhz)
|
Infineon
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
LPC2103FA44 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
NXP Semiconductors
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|