PART |
Description |
Maker |
CY7C1051DV33-12ZSXI CY7C1051DV33-12ZSXIT |
8-Mbit (512 K 16) Static RAM
|
Cypress
|
CY7C1049CV33-12ZSXA CY7C1049CV33-12ZSXAT CY7C1049C |
4-Mbit (512 K 8) Static RAM
|
Cypress
|
CY7C1062DV33-10BGIT CY7C1062DV33-10BGXI CY7C1062DV |
16-Mbit (512 K 32) Static RAM
|
Cypress
|
CY62156ESL-45BVXI |
8-Mbit (512 K x 16) Static RAM
|
Cypress Semiconductor
|
CY62157EV18 |
8-Mbit (512 K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C1049CV33-8ZSXC CY7C1049CV33-10ZXI |
4-Mbit (512 K × 8) Static RAM Automatic power down when deselected
|
Cypress Semiconductor
|
CY7C1049CV33-15ZSXE CY7C1049CV33-10VXA |
4-Mbit (512 K × 8) Static RAM TTL-compatible inputs and outputs
|
Cypress Semiconductor
|
CY62158ELL-45ZSXI |
8-Mbit (1 M x 8) Static RAM Automatic power down when deselected MoBL® 8-Mbit (1M x 8) Static RAM 1M X 8 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
UPD4264405G5-A50-7JD UPD4265405G5-A50-7JD UPD42S65 |
2-Mbit (128K x 18) Flow-Through SRAM with NoBL Architecture x4 EDO Page Mode DRAM 512K (32K x 16) Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) 128K x 8 Static RAM 128K的8静态RAM
|
Omron Electronics, LLC
|
CY62147DV30L-55BVXE CY62147DV30LL-45BVXI CY62147DV |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|