PART |
Description |
Maker |
TXN05 TXN100 TYN40 TYN80K TXN058 TXN05G TXN05K TXN |
THYRISTORS V(drm): 50V; 8A; glass passivated thyristor V(drm): 1000V; 8A; glass passivated thyristor V(drm): 100V; 8A; glass passivated thyristor V(drm): 200V; 8A; glass passivated thyristor V(drm): 400V; 8A; glass passivated thyristor V(drm): 600V; 8A; glass passivated thyristor V(drm): 800V; 8A; glass passivated thyristor
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FUF2005 FUF2007 FUF2006 FUF2004 FUF2003 FUF2002 FU |
50 V, 2 A glass passivated ultrafast recovery rectifier 100 V, 2 A glass passivated ultrafast recovery rectifier 200 V, 2 A glass passivated ultrafast recovery rectifier 400 V, 2 A glass passivated ultrafast recovery rectifier 800 V, 2 A glass passivated ultrafast recovery rectifier 1000 V, 2 A glass passivated ultrafast recovery rectifier 600 V, 2 A glass passivated ultrafast recovery rectifier RECTIFIER DIODE, DO-15 Ultrafast Recovery Rectifiers 超快恢复二极
|
Fagor International Rectifier, Corp. Vishay Intertechnology, Inc.
|
GP20-005G GP20-04G GP20-01G GP20-02G GP20-06G GP20 |
2A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
|
Frontier Electronics.
|
1N4004G-LFR 1N4001G-LFR 1N4007G-LFR 1N4002G-LFR 1N |
A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
|
Frontier Electronics.
|
CR3-010 CR3-060 CR3-100 CR3-005GPP11 CR3-020 CR3-0 |
GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 50 THRU 1200 VOLTS
|
Central Semiconductor Corp Central Semiconductor C...
|
1N5391G 1N5392G 1N5393G 1N5394G 1N5395G 1N5396G 1N |
Standard Recovery Pack: DO-15 GENERAL PURPOSE GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
CN646TR CN647TR CN646 CN649 CN647 CN648 CN645 |
GLASS PASSIVATED JUNCTION GENERAL PURPOSE DIODE 0.4 A, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor C... CENTRAL SEMICONDUCTOR CORP
|
S3K-13 S3MB |
Glass Passivated Die Construction 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
1N4001GPP 1N4007GPP 1N4002GPP 1N4003GPP 1N4004GPP |
Leaded Rectifier General Purpose GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1.0 AMP, 50 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|