PART |
Description |
Maker |
AFL27009DX_HB AFL27005DW AFL27005DW_CH AFL2805SW A |
Hi-Rel DC-DC Standard Single Converter in a AFL package 270V Input, Single Output RES, 0402, TF, 1R, 5%, 1/16W DC to DC Converter DC至DC转换 ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS 先进的模拟高可靠性的混合式DC / DC变换
|
IRF[International Rectifier] http:// International Rectifier, Corp.
|
UWR-121650-D48A UWR-151300-D48A UWR-121650-D12A |
12V 14-20W, single output DC/DC converter 15V 14-20W, single output DC/DC converter
|
Datel
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
LANC123.3W12 LANC123.3W12-S |
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries, Inc. Wall Industries,Inc.
|
VKA75LS02 VKA75LS03 VKA75LS05 VKA75LS12 VKA75LS15 |
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
PP6-48-12 PP6-48-15 PP6-48-5 PPD6-5-1212 PP6-5-12 |
Single, Dual output DC-DC converter 1.5W ~ 25W Single output DC-DC converter 1.5W ~ 25W Single, Dual output DC-DC converter 1.5W - 25W Single / Dual output DC-DC converter 1.5W ~ 25W Single Dual output DC-DC converter 1.5W ~ 25W Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 KPSE 19C 19#20 PIN RECP Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-8 KPT/KPSE SERIES LED Panel Indicator; LED Color:Red; Luminous Intensity:1500foot lambert; Forward Current:81mA; Forward Voltage:12V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No LED Panel Indicator; LED Color:Red; Luminous Intensity:900foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换1.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换.5W25 Single output DC-DC converter 1.5W ~ 25W 单输出DC - DC转换1.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换1.5W25 ; LED Color:Green; Forward Voltage:24V 单,双输出DC - DC转换1.5W25
|
LAMBDA[DENSEI-LAMBDA] HIROSE ELECTRIC Co., Ltd. Ecliptek, Corp. Analog Devices, Inc. Glenair, Inc. Cardinal Components, Inc. PEAK electronics GmbH TE Connectivity, Ltd. Yageo, Corp. Microsemi, Corp. NXP Semiconductors N.V.
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|
WRB2412MT-3W WRB2403MT-3W WRB4803MT-3W WRB2424MT-3 |
SINGLE OUTPUT , DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd. MORNSUN Science& Techno...
|
WRB0503T-2W WRB2403T-3W WRB4805T-3W WRB1209T-3W WR |
3W SINGLE OUTPUT DC/DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
KRB0305S-1W KRB0705S-1W KRB0309S-1W KRB0512S-1W KR |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Techno...
|
VRB1205D-40W VRB2403D-40W VRB2405D-40W VRB2412D-40 |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
URB2403MP-12W URB2412MP-12W URB2405MP-12W URB2415M |
SINGLE OUTPUT DC-DC CONVERTER
|
http:// MORNSUN Science& Technology Ltd.
|