PART |
Description |
Maker |
CD4049UBC CD4049UBCM CD4049UBCN CD4050 CD4050BCM C |
Hex Inverting Buffer . Hex Non-Inverting Buffer 六角反相缓冲。六角非反相缓冲 Hex Inverting Buffer . Hex Non-Inverting Buffer 4000/14000/40000 SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO16
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M54_74HCT573 M54_74HCT563 |
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
|
STMicro
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M74HCT373 M74HCT373B1R M74HCT373C1R M74HCT373M1R M |
From old datasheet system OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT373 NON INVERTING - HCT533 INVERTING COLOR OUTDOOR DAY NIGHT CAMERA 24 LED 30FT DISTANCE
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TC4049BF TC4049BFN TC4049BP TC4050BF TC4050BFN TC4 |
HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE) 六角缓冲/转换器(反相型,非反相型 From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
M54_74HC623 M54HC620 M54HC620F1R M54HC620M1R M54HC |
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
|
STMicroelectronics
|
ICE2A0XXX Q67040-S4542 Q67040-S4546 Q67040-S4541 Q |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-PDIP -55 to 125 High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 离线式开关电源电流模式控制器,集成了650V / 800V的的CoolMOS
|
Infineon Technologies AG
|
XC7SH14GV XC7SH14GW XC7SH14 |
High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action Inverting Schmitt trigger
|
NXP Semiconductors
|
74ABT651 74ABT651D 74ABT651DB 74ABT651N 74ABT651PW |
Octal transceiver/register, inverting 3-State Octal transceiver/register/ inverting 3-State Single 8-Bit Inverting Bus Transceiver
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
HEF40098B HEF40098BD HEF40098BF HEF40098BN HEF4009 |
3-state hex inverting buffer 4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, CDIP16 3-state hex inverting buffer 三态缓冲六角反
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|