PART |
Description |
Maker |
SDR952_3 SDR951_3 SDR950_3 SDR950-3 SDR952/3 SDR95 |
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SPD1510HF SPD1510SMSS SPD1510SMSTX SPD1515BT SPD15 |
15 AMP HYPERFAST RECOVERY RECTIFIER 100 - 200 VOLTS, 30 nsec
|
Solid States Devices, I...
|
MUR2010CT MUR2020CT |
20 Amp Super Fast Glass Passivated Rectifier 100 to 200 Volts
|
MCC[Micro Commercial Components]
|
SDR9102CTP SDR9100CTN SDR9100CTP SDR9101CTN SDR910 |
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SDR950CT/3 SDR952CT/3 SDR951CT/3 |
120 AMP 100 - 200 VOLTS 35 nsec HYPER FAST COMMONCATHODE CENTERTAP RECTIFIER
|
Solid States Devices, Inc.
|
C0603C1522RAC C0603C1222RAC C0603C15311RAC |
Surface Mount Ceramic Chip Capacitors Extended Values 0603, X7R Dielectric, 100 & 200 Volts 表面贴装陶瓷电容扩展603,X7R介质00
|
KEMET Corporation
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
MURP20040CT MURP20020CT MURP20020CT_06 MURP20020CT |
100 A, 300 V, SILICON, RECTIFIER DIODE ULTRAFAST RECTIFIERS 200 AMPERES, 200−400 VOLTS
|
ONSEMI[ON Semiconductor]
|
CMR1F-10M CMR1F-02M CMR1F-04M CMR1F-06M |
FAST RECOVERY RECTIFIER 1.0 AMP/ 200 THRU 1/000 VOLTS FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 600 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CS220-25N CS220-25B CS220-25D CS220-25M |
Leaded Thyristor SCR SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 600 V, SCR, TO-220AB
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor, Corp.
|
SS22-L SS220-L SS25-L SS24-L SS26-L SS28-L-TP SS21 |
2 Amp Schottky Rectifier 20 to 200 Volts 2 A, 80 V, SILICON, RECTIFIER DIODE, DO-214AC 2 Amp Schottky Rectifier 20 to 200 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
C1206C2745RAC C1206C6845RAC C1206C68415RAC C1206C3 |
Triple buffer with open-drain outputs, SOT505-2 (TSSOP8), Reel Pack, Reverse 3.3 V 16-bit buffer/driver; 3-state, SOT362-1 (TSSOP48), Tube 3.3 V 16-bit buffer/driver; 3-state, SOT1025-1 (HUQFN60U), Reel Dry Pack, 7" 表面贴装陶瓷电容扩展206,X7R介质500000伏特 Surface Mount Ceramic Chip Capacitors Extended Values 1206, X7R Dielectric, 25, 50, 100, 200 Volts 表面贴装陶瓷电容扩展206,X7R介质5500000伏特 Surface Mount Ceramic Chip Capacitors Extended Values 1206, X7R Dielectric, 25, 50, 100, 200 Volts 表面贴装陶瓷电容扩展206,X7R介质255000200伏特
|
KEMET Corporation
|