PART |
Description |
Maker |
30015 30037 30050 30025 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset KABEL RUND/FLACH DM 9.2MM 25ADR 1M KABEL RUND/FLACH DM 10.6MM 37ADR 1M 布椅RUND /弗拉100万马10.6 37ADR
|
TE Connectivity, Ltd.
|
WS21030081FA WS21050081FA |
FEDERRING STAHL VERZINKT M3 Inhalt pro Packung: 100 Stk. FEDERRING STAHL VERZINKT M5 Inhalt pro Packung: 100 Stk.
|
|
STP7NC40 |
N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?II MOSFET N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH⑩II MOSFET
|
STMicroelectronics
|
441533510014973 |
KABEL AUDIO 2ADRIG 18/0.1 GRAU 100M 布椅音频2ADRIG 18/0.1格劳100
|
Ecliptek, Corp.
|
STP10NK70Z STP10NK70ZFP |
N-CHANNEL 700 V - 0.75 OHM - 8.6 A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESHPower MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BA7660FS_1 BA7660FS BA7660FS1 |
3ch 75ohm driver
|
ROHM[Rohm]
|
LA73052 |
4CH 75OHM VIDEO DRIVER
|
Sanyo Semicon Device
|
ELDC-8 |
E-Series 75Ohm Coupler 5-1000 MHz
|
MACOM[Tyco Electronics]
|
NJM2243 NJM2243D NJM2243L NJM2243M |
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER
|
NJRC[New Japan Radio]
|
BA7665AFS |
3 channel 75ohm driver for DVD (Y/C MIX Type)
|
Rohm
|
BYW52 BYW53 BYW56 BYW55 BYW54 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 硅梅萨整流器 Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid RoHS Compliant: Yes 硅梅萨整流器 Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor From old datasheet system Silicon Mesa Rectifiers
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Telefunken
|