PART |
Description |
Maker |
R1500 R1200 R1800 |
500Milliamp high voltage silicon rectifier 1200 to 2000 volts
|
Shanghai Lunsure Electronic Tech
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
MSK610 MSK610-15 MSK610B |
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER Ultra Low Quiescent Current - ±12mA for High Voltage Stage
|
Anaren Microwave M.S. Kennedy Corporatio...
|
2SA1831 0165 |
PNPTriple Diffused Planar Silicon Transistors High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|
2SC5466 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE. DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING AND HIGH VOLTAGE AMPLIFIER APPLICATIONS.
|
TOSHIBA
|
2SC4476 |
NPN Triple Diffused Planar Silicon Transistor 1800V/10mA High-Voltage Amplifier, High-Voltage Switching Applications
|
Sanyo
|
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|
2SC4451 0494 |
NPN Triple Diffused Planar Silicon Transistor 1500V/15mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|