PART |
Description |
Maker |
KA75270 KA75270M KA75270Z KA75330Z KA75290M KA7529 |
Voltage Detector (4.5V) Voltage Detector (2.7V) Voltage Detector (4.2V) Voltage Detector (3.9V) Voltage Detector (2.9V) Voltage Detector (3.1V) Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Voltage Detector 电压检测器 Voltage Detector
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA204M-800B BTA204M-600C BTA204M-500C BTA204M BTA |
Three quadrant triacs high commutation(涓?薄???????㈠????纭? Three quadrant triacs high commutation(三象限双向高换向可控 From old datasheet system Three quadrant triacs guaranteed commutation
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
BTA202X-800D BTA202X-800E BTA202X-600D BTA202X-600 |
2 A Three-quadrant triacs high commutation - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 2.0 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 2 A Three-quadrant high commutation triac
|
NXP Semiconductors N.V.
|
710-372M20 710-101M20 710-100M20 710-100NF12D 710- |
Metal Bulkhead Adapters & Feed-Throughs for Conduit CONNECTOR ACCESSORY ALUMINUM, CIRCULAR ADAPTER STEEL, CIRCULAR ADAPTER BRASS, CIRCULAR ADAPTER
|
Glenair, Inc. GLENAIR INC
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MPC859DSLZP66 |
Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-55
|
飞思卡尔半导体(中国)有限公司
|
AND-C-106 |
Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No
|
Tyco Electronics
|
M35070-002DP |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-16
|
Mitsubishi Electric Corporation
|
M306V0ME-107FP |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-12
|
Mitsubishi Electric Corporation
|