PART |
Description |
Maker |
PTCSL20T151DBE PTCSL40T151DBE |
Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 100 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT
|
Vishay BCcomponents
|
PTCSGM3T151DBE |
Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 100 ohm, CHASSIS MOUNT, ROHS COMPLIANT
|
Vishay BCcomponents
|
137-462ZWS-D01 137-113ZXT-D01 137-292ZFT-D01 |
RESISTOR, TEMPERATURE DEPENDENT, NETWORK, NTC, 4600 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NETWORK, NTC, 11000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NETWORK, NTC, 2900 ohm, THROUGH HOLE MOUNT
|
Clarostat
|
MLP-2522OHM52200PPMB MLP-2522OHM22200PPMB MLP-2516 |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 22 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 16 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 24 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.4 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 30 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.3 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 4300 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 43 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 4.7 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.6 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.6 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 75 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 4.3 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 0.75 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.8 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 6.8 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 12 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.5 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 56 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 0.56 ohm, SURFACE MOUNT
|
RCD Components, Inc.
|
SIOV-LS40K130QP SIOV-LS40K230QP SIOV-LS40K320QP SI |
RESISTOR, VOLTAGE DEPENDENT, 170 V, 310 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 300 V, 460 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 420 V, 640 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 560 V, 910 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 585 V, 950 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 200 V, 360 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 320 V, 490 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 350 V, 550 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 505 V, 800 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 615 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 745 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 895 V, 1100 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 1060 V, 1200 J, CHASSIS MOUNT
|
SIEMENS AG
|
PLS105N PLUS105-55N3 PLUS105-55A PLUS105-40N3 PLUS |
Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Fuse-Programmable PLD 保险丝,可编程的PLD 1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C
|
Black Box, Corp.
|
ERTJ0EP473HA ERTJZEP473HA ERTJ1VP473HA |
RESISTOR, TEMPERATURE DEPENDENT, NTC, 47000 ohm, SURFACE MOUNT CHIP, 0402, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, NTC, 47000 ohm, SURFACE MOUNT CHIP, 0201, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, NTC, 47000 ohm, SURFACE MOUNT CHIP, 0603, ROHS COMPLIANT
|
Panasonic, Corp.
|
NRD3332L420 NRD3332L360 |
RESISTOR, TEMPERATURE DEPENDENT, NTC
|
Hokuriku Electric Industry Co., Ltd.
|
MAX6510 MAX6509 |
Resistor-ProgrammableSOT Temperature Switches
|
Maxim
|
TS53YL500OHM/-20TR TS53YL50OHM/-20TR TS53YL20OHM/- |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 2000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50000 ohm
|
Vishay Intertechnology, Inc.
|
MAX6509-BMAX6510 MAX6509CAUK-T MAX6509 MAX6509HAUK |
RESISTOR-PROGRAMMABLE SOT TEMPERATURE SWITCHES
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|