PART |
Description |
Maker |
M27V800 |
8Mbit (1Mb x8 or 512Kb x16) Low Voltage UV EPROM and OTP EPROM(8Mb低压UV EPROM和OTP EPROM)
|
意法半导
|
AT27C512RNBSP AT27C512R AT27C512R-70JA AT27C512R-1 |
x16 EPROM x16存储 x8 EPROM From old datasheet system 512K EPROM
|
Atmel, Corp. Atmel Corp
|
M27W202 M27W202-100B6TR M27W202-100F6TR M27W202-10 |
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM 2兆位128KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC 0 to 70 Triple 3-Input Positive-AND Gates 14-SO 0 to 70 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C400 6674 M27C400-80XF6TR M27C400-100B1TR M27C4 |
AML42 Series, Solid State Indicator, Square, Compact Style, Lighted, 1 LED, Snap in panel mount 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM From old datasheet system
|
Advanced Micro Devices, Inc. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27V101 |
NND - 1 MBIT (128KB X8) LOW VOLTAGE UV EPROM & OTP EPROM
|
ST Microelectronics
|
C167CR-16F SAFC167CR-16F SAF-C167CR-16F |
16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM 16位CMOS单芯片微控制器,带有128K字节的Flash EPROM
|
Siemens Semiconductor Group SIEMENS AG
|
TMS77C82NL |
8-bit EPROM Processor, 8k EPROM Extended Temperature, Otp
|
TI
|
27C64-20IL 27C64-20IP 27C64-20ISO 11107L 27C64 |
64K (8K x 8) CMOS EPROM(4.5~5.5V,64KCMOS EPROM) From old datasheet system
|
Microchip Technology Inc.
|
27C801 M27C801 M27C801-100B1TR M27C801-100B1X M27C |
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
|
STMICROELECTRONICS [STMicroelectronics] ST Microelectronics
|
M27C32206 M27C322 M27C322-80F3 M27C322-80F1 M27C32 |
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27C1001-35FTR M27C1001-45FTR M27C100106 M27C1001- |
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
|
STMICROELECTRONICS[STMicroelectronics]
|