PART |
Description |
Maker |
RP100K281B RP100K281B5 RP100K281D RP100K281D5 RP10 |
LOW NOISE 200mA LDO REGULATOR
|
RICOH electronics devices division
|
TS5201 TS5201CS |
200mA Low Noise LDO Voltage Regulator with Enable
|
Taiwan Semiconductor Company, Ltd
|
RT9177 RT9177-32CBR RT9177-24CB RT9177-24CBR RT917 |
Ultra-Low-Noise 200mA LDO Regulator 超低噪声200mA LDO稳压
|
List of Unclassifed Manufac... Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
RT9178-31PB RT9178-31PBR RT9178-25PB RT9178-25PBR |
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator 200mA的,超低噪音,超高速的CMOS LDO稳压
|
Richtek Technology, Corp. Richtek Technology Corporation
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT3062-15 |
45V VIN, Micropower, Low Noise, 200mA LDO
|
Linear Technology
|
ISL6411IR ISL6411 ISL6411IRZ |
Triple Output/ Low-Noise LDO Regulator with Integrated Reset Circuit Linear Regulator, Triple LDO with uP Reset & Sequencing, Ultra Low Noise, 2.7 to 3.8V Input, Fixed Output 1.8V/2.84V/2.84V Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
|
INTERSIL[Intersil Corporation]
|
TC1266VUA TC1266VOA TC1266 TC1266VUATR TC1266VOATR |
The TC1266 is an application-specific, low dropout regulator (LDO) specifically intended for use in PCI peripheral card applications ... 200mA PCI LDO The TC1266 is an application-specific, low dropout regulator (LDO) specifically intended for use in PCI peripheral card applications complying with PCI Power Management (PCI 2.0). It provides an uninterrupted, 3.3V, 200mA (max) output volt
|
MICROCHIP[Microchip Technology]
|
ILC7010AIC ILC7011AIC530X ILC7010AIC525X ILC7010AI |
80mA SC70 Low Noise CMOS RF-LDO Regulator 3.1 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 80mA SC70 Low Noise CMOS RF-LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 80mA SC70 Low Noise CMOS RF-LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 80mA SC70 Low Noise CMOS RF-LDO Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 0.08A Low Dropout Voltage Regulator 80mA SC70 Low Noise CMOS RF-LDO LM Regulator 80mA SC70 Low Noise CMOS RF-LDO TM Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|